Electronic Components Datasheet Search
  English  ▼

X  

HMC7044 Datasheet(PDF) 32 Page - Analog Devices

Part # HMC7044
Description  JESD204B clock generation
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC7044 Datasheet(HTML) 32 Page - Analog Devices

Back Button HMC7044 Datasheet HTML 28Page - Analog Devices HMC7044 Datasheet HTML 29Page - Analog Devices HMC7044 Datasheet HTML 30Page - Analog Devices HMC7044 Datasheet HTML 31Page - Analog Devices HMC7044 Datasheet HTML 32Page - Analog Devices HMC7044 Datasheet HTML 33Page - Analog Devices HMC7044 Datasheet HTML 34Page - Analog Devices HMC7044 Datasheet HTML 35Page - Analog Devices HMC7044 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 72 page
background image
HMC7044
Data Sheet
Rev. B | Page 32 of 72
The HMC7044 output network also supports the following
recommended features, which are sometimes critical in user
applications:
•
Deterministic synchronization of the output channels with
respect to an external signal, which allows multichip
synchronization and clean expansion to larger systems
•
Pulse generator behavior to temporarily generate a
synchronization pulse stream at user request
•
Flexibility to define unused JESD204B SYSREF and DCLK
channels for other purposes
•
Glitchless phase control of signals relative to each other
•
50% duty cycle clocks with odd division ratios
•
Multimode output buffers with a variety of swings and
termination options
•
Skew between all channels that is much less than a DCLK
period
•
Adjustable performance vs. power consumption for less
sensitive clock channels
•
Flexibility to use an external VCO for very high
performance application requirements
Each of the 14 output channels are logically identical. The only
distinction between the SYSREF and DCLK channels is in the
SPI configuration and in how they are used. Each channel
contains independent dividers, phase adjustment, and analog
delay circuits. This combination provides the ultimate flexibility,
cleanly accommodating nonJESD204B devices in the system.
In addition to the 14 output channel dividers, there is an internal
SYSREF timer that continually operates, and the synchronization
of the output channel dividers occurs deterministically with respect
to this timer, which can be rephased externally by the user.
The pulse generator functionality of the JESD204B standard
involves temporarily generating SYSREF output pulses, with
appropriate phasing, to downstream devices. The centralized
SYSREF timer and its associated SYNC/pulse generator control
manage the process of enabling the intended SYSREF channels,
phasing them, and then disabling them for signal integrity and
power saving advantages.
D Q
RF SYNC
SYSREF INPUT NETWORK
PULSE GENERATOR REQUEST (FROM SPI, GPI, OR SYNC PIN)
RESET
SYNC REQUEST (FROM SPI OR GPI)
SYNC_FSM_STATE
OUTPUT CHANNEL × 14
VCO PATH
SYNC FROM PLL2 N DIVIDER
(DUE TO SYNC PIN EVENT)
SYSREF
TIMER
SYNC/
PULSE GENERATOR
CONTROL
LEAF
CONTROLLER
CLOCK
GATING
DIVIDER
DIGITAL DELAY
AND RETIME
Figure 44. Clock Output Network Simplified Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com