Electronic Components Datasheet Search
  English  ▼

X  

HMC7044 Datasheet(PDF) 19 Page - Analog Devices

Part # HMC7044
Description  JESD204B clock generation
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC7044 Datasheet(HTML) 19 Page - Analog Devices

Back Button HMC7044 Datasheet HTML 15Page - Analog Devices HMC7044 Datasheet HTML 16Page - Analog Devices HMC7044 Datasheet HTML 17Page - Analog Devices HMC7044 Datasheet HTML 18Page - Analog Devices HMC7044 Datasheet HTML 19Page - Analog Devices HMC7044 Datasheet HTML 20Page - Analog Devices HMC7044 Datasheet HTML 21Page - Analog Devices HMC7044 Datasheet HTML 22Page - Analog Devices HMC7044 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 72 page
background image
Data Sheet
HMC7044
Rev. B | Page 19 of 72
100M
1G
3G
FREQUENCY (Hz)
–40°C
+25°C
+85°C
0
0.5
1.0
1.5
2.0
2.5
Figure 15. LVPECL Differential Output Voltage vs. Frequency at Different
Temperatures
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0
0.4
0.8
1.2
1.6
2.0
TIME (ns)
Figure 16. Differential CLKOUT0/CLKOUT0 at 2457 MHz, LVPECL
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
0
1
2
3
4
5
6
7
8
9
10
TIME (ns)
Figure 17. Differential CLKOUT0/CLKOUT0Voltage at 614.4 MHz, LVPECL
10
15
20
25
30
DELAY STEP
–40°C
+25°C
+85°C
Figure 18. Analog Delay Step Size vs. Delay Step over Temperature, LVPECL
at 1474.56 MHz
–200
–100
0
100
200
300
400
500
600
700
800
DELAY SETTING
–40°C
+25°C
+85°C
FUND: FUNDAMENTAL MODE AT 2949MHz
DIS: ANALOG DELAY IS DISABLED AT 1474MHz
Figure 19. Analog Delay vs. Delay Setting over Temperature, LVPECL
at 1474.56 MHz
0
5
10
15
20
25
30
DELAY STEP
–40°C
+25°C
+85°C
Figure 20. Analog Delay Step Size vs Delay Step over Temperature, LVPECL
at 3072 MHz with Digital Delay = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com