Electronic Components Datasheet Search
  English  ▼

X  

HMC7044 Datasheet(PDF) 49 Page - Analog Devices

Part # HMC7044
Description  JESD204B clock generation
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC7044 Datasheet(HTML) 49 Page - Analog Devices

Back Button HMC7044 Datasheet HTML 45Page - Analog Devices HMC7044 Datasheet HTML 46Page - Analog Devices HMC7044 Datasheet HTML 47Page - Analog Devices HMC7044 Datasheet HTML 48Page - Analog Devices HMC7044 Datasheet HTML 49Page - Analog Devices HMC7044 Datasheet HTML 50Page - Analog Devices HMC7044 Datasheet HTML 51Page - Analog Devices HMC7044 Datasheet HTML 52Page - Analog Devices HMC7044 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 72 page
background image
Data Sheet
HMC7044
Rev. B | Page 49 of 72
Addr.
(Hex)
Register
Name
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
(Hex)
0x00D2
Channel
Output 1
control
High
performance
mode
SYNC
enable
Slip enable
Reserved
Start-Up Mode[1:0]
Multislip
enable
Channel
enable
0xFD
0x00D3
12-Bit Channel Divider[7:0] (LSB)
0x00
0x00D4
Reserved
12-Bit Channel Divider[11:8] (MSB)
0x01
0x00D5
Reserved
Fine Analog Delay[4:0]
0x00
0x00D6
Reserved
Coarse Digital Delay[4:0]
0x00
0x00D7
12-Bit Multislip Digital Delay[7:0] (LSB)
0x00
0x00D8
Reserved
12-Bit Multislip Digital Delay[11:8] (MSB)
0x00
0x00D9
Reserved
Output Mux
Selection[1:0]
0x00
0x00DA
Force Mute[1:0]
Dynamic
driver enable
Driver Mode[1:0]
Reserved
Driver Impedance[1:0]
0x30
0x00DB
Reserved
0x00
0x00DC
Channel
Output 2
control
High
performance
mode
SYNC
enable
Slip enable
Reserved
Start-Up Mode[1:0]
Multislip
enable
Channel
enable
0xF3
0x00DD
12-Bit Channel Divider[7:0] (LSB)
0x08
0x00DE
Reserved
12-Bit Channel Divider[11:8] (MSB)
0x00
0x00DF
Reserved
Fine Analog Delay[4:0]
0x00
0x00E0
Reserved
Coarse Digital Delay[4:0]
0x00
0x00E1
12-Bit Multislip Digital Delay[7:0] (LSB)
0x00
0x00E2
Reserved
12-Bit Multislip Digital Delay[11:8] (MSB)
0x00
0x00E3
Reserved
Output Mux
Selection[1:0]
0x00
0x00E4
Force Mute[1:0]
Dynamic
driver enable
Driver Mode[1:0]
Reserved
Driver Impedance[1:0]
0x01
0x00E5
Reserved
0x00
0x00E6
Channel
Output 3
control
High
performance
mode
SYNC
enable
Slip enable
Reserved
Start-Up Mode[1:0]
Multislip
enable
Channel
enable
0xFD
0x00E7
12-Bit Channel Divider[7:0] (LSB)
0x00
0x00E8
Reserved
12-Bit Channel Divider[11:8] (MSB)
0x01
0x00E9
Reserved
Fine Analog Delay[4:0]
0x00
0x00EA
Reserved
Coarse Digital Delay[4:0]
0x00
0x00EB
12-Bit Multislip Digital Delay[7:0] (LSB)
0x00
0x00EC
Reserved
12-Bit Multislip Digital Delay[11:8] (MSB)
0x00
0x00ED
Reserved
Output Mux
Selection[1:0]
0x00
0x00EE
Force Mute[1:0]
Dynamic
driver enable
Driver Mode[1:0]
Reserved
Driver Impedance[1:0]
0x30
0x00EF
Reserved
0x00
0x00F0
Channel
Output 4
control
High
performance
mode
SYNC
enable
Slip enable
Reserved
Start-Up Mode[1:0]
Multislip
enable
Channel
enable
0xF3
0x00F1
12-Bit Channel Divider[7:0] (LSB)
0x02
0x00F2
Reserved
12-Bit Channel Divider[11:8] (MSB)
0x00
0x00F3
Reserved
Fine Analog Delay[4:0]
0x00
0x00F4
Reserved
Coarse Digital Delay[4:0]
0x00
0x00F5
12-Bit Multislip Digital Delay[7:0] (LSB)
0x00
0x00F6
Reserved
12-Bit Multislip Digital Delay[11:8] (MSB)
0x00
0x00F7
Reserved
Output Mux
Selection[1:0]
0x00
0x00F8
Force Mute[1:0]
Dynamic
driver enable
Driver Mode[1:0]
Reserved
Driver Impedance[1:0]
0x01
0x00F9
Reserved
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com