Electronic Components Datasheet Search
  English  ▼

X  

HMC7044 Datasheet(PDF) 21 Page - Analog Devices

Part # HMC7044
Description  JESD204B clock generation
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC7044 Datasheet(HTML) 21 Page - Analog Devices

Back Button HMC7044 Datasheet HTML 17Page - Analog Devices HMC7044 Datasheet HTML 18Page - Analog Devices HMC7044 Datasheet HTML 19Page - Analog Devices HMC7044 Datasheet HTML 20Page - Analog Devices HMC7044 Datasheet HTML 21Page - Analog Devices HMC7044 Datasheet HTML 22Page - Analog Devices HMC7044 Datasheet HTML 23Page - Analog Devices HMC7044 Datasheet HTML 24Page - Analog Devices HMC7044 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 72 page
background image
Data Sheet
HMC7044
Rev. B | Page 21 of 72
TYPICAL APPLICATION CIRCUITS
100Ω
0.1µF
0.1µF
DOWNSTREAM
DEVICE
LVDS
OUTPUT
HIGH
IMPEDANCE
INPUT
HMC7044
Figure 27. AC-Coupled LVDS Output Driver
0.1µF
0.1µF
DOWNSTREAM
DEVICE
CML
OUTPUT
HIGH
IMPEDANCE
INPUT
HMC7044
100Ω
100Ω
VCC
100Ω
Figure 28. AC-Coupled CML (Configured High-Z) Output Driver
0.1µF
0.1µF
DOWNSTREAM
DEVICE
CML
OUTPUT
HIGH
IMPEDANCE
INPUT
HMC7044
100Ω
100Ω
VCCx_OUT
100Ω
Figure 29. AC-Coupled CML (Internal) Output Driver
0.1µF
0.1µF
SELF BIASED
REF, VCXO
INPUTS
HMC7044
Figure 30. CLKIN0/CLKIN0, CLKIN1/CLKIN1, CLKIN2/CLKIN2, CLKIN3/CLKIN3,
and OSCIN/OSCIN Input, Differential Mode
100Ω
DOWNSTREAM
DEVICE
LVDS
OUTPUT
HIGH
IMPEDANCE
INPUT
HMC7044
Figure 31. DC-Coupled LVDS Output Driver
DOWNSTREAM
DEVICE
(LVPECL)
LVPECL-
COMPATIBLE
OUTPUT
HMC7044
50Ω
50Ω
50Ω
GND
Figure 32. DC-Coupled LVPECL Output Driver
CML
OUTPUT
HMC7044
100Ω
100Ω
VCCx_OUT
DOWNSTREAM
DEVICE
(CML)
Figure 33. DC-Coupled CML (Internal) Output Driver
0.1µF
HMC7044
3.3V
DRIVER
47Ω
Figure 34. CLKIN0, CLKIN1, CLKIN2, CLKIN3, and OSCIN Input,
Single-Ended Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com