Electronic Components Datasheet Search
  English  ▼

X  

050 Datasheet(PDF) 8 Page - Tyco Electronics

Part # 050
Description  AMPLIMITE Subminiature D Connectors
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

050 Datasheet(HTML) 8 Page - Tyco Electronics

Back Button 050 Datasheet HTML 4Page - Tyco Electronics 050 Datasheet HTML 5Page - Tyco Electronics 050 Datasheet HTML 6Page - Tyco Electronics 050 Datasheet HTML 7Page - Tyco Electronics 050 Datasheet HTML 8Page - Tyco Electronics 050 Datasheet HTML 9Page - Tyco Electronics 050 Datasheet HTML 10Page - Tyco Electronics 050 Datasheet HTML 11Page - Tyco Electronics 050 Datasheet HTML 12Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
13
Catalog 82068
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 1-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
AMPLIMITE .050 Series Cable Plug Connectors, Series III (Continued)
AMPLIMITE Subminiature D Connectors
Note: All part numbers are RoHS compliant.
Shielded Plugs
(Continued)
.050
[1.27]
Terminating Cover
.327
[8.31]
E
D
B
.100
[2.54]
.224
[5.69]
.588
[14.94]
Plug Housing
Plug Shell
Terminating Cover
Shielded Plug with Unassembled
Standard Termination Covers
Shielded Plug with Assembled or Unassembled Standard Termination Covers
No. of
Dimensions
Part Numbers
Pos.
B
D
E
w/Rails & Latchblocks
w/Latchblocks
.450
.829
.293
20
11.43
21.06
7.44
5749111-1
5749621-1
.600
.979
.293
26
15.24
24.87
7.44
1-5749111-0
5749621-2
.650
1.029
.293
28
16.50
26.14
7.44
—
5749621-3
.950
1.329
.293
40
24.13
33.76
7.44
5749111-3
5749621-4
1.200
1.579
.293
50
30.48
40.11
7.44
5749111-4
5749621-5
1.650
2.029
.293
68
41.91
51.54
7.44
5749111-6
5749621-7
1.950
2.329
.373
80
49.53
59.16
9.47
5749111-7
5749621-8
2.450
2.829
.373
100
62.23
71.86
9.47
5749111-8
5749621-9
2.950
3.329
.373
120
74.93
84.56
9.47
5749111-9
1-5749621-0
Notes: 1. Plug connector requires backshell kit for complete assembly and must use round jacketed cable (discrete
or laminated). Refer to pages 16-19 for backshell kit part numbers.
2. For termination tooling, see pages 28 & 29.
3. The CHAMPOMATOR 2.5 Automatic Termination Machine will accept diameters as low as .023 [0.58].
Shielded Plug with Assembled
Standard Termination Covers
Materials:
Housing and Covers—
Thermoplastic, 94V-0 rated, black
Contacts—Phosphor bronze, duplex
plated .000030 [0.00076] min. gold on
mating end, tin on termination end, all
underplated nickel
Shell—Steel, plated tin-nickel alloy
over nickel over copper
Recommended wire size3 —
28 AWG [0.08-0.09mm2] or
30 AWG [0.05mm2], solid or
7 strand, with a .029-.036
[0.74-0.89] insulation diameter.
Technical Documents:
Product Specifications—108-1228
Application Specifications—
114-40029
Instruction Sheet—408-9427
Connectors With Standard Termination Covers
Note: Refer to Tyco Electronics Customer drawings and Application Spec for PCB & panel layouts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com