Electronic Components Datasheet Search
  English  ▼

X  

050 Datasheet(PDF) 20 Page - Tyco Electronics

Part # 050
Description  AMPLIMITE Subminiature D Connectors
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

050 Datasheet(HTML) 20 Page - Tyco Electronics

Back Button 050 Datasheet HTML 16Page - Tyco Electronics 050 Datasheet HTML 17Page - Tyco Electronics 050 Datasheet HTML 18Page - Tyco Electronics 050 Datasheet HTML 19Page - Tyco Electronics 050 Datasheet HTML 20Page - Tyco Electronics 050 Datasheet HTML 21Page - Tyco Electronics 050 Datasheet HTML 22Page - Tyco Electronics 050 Datasheet HTML 23Page - Tyco Electronics 050 Datasheet HTML 24Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
25
Catalog 82068
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 1-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
AMPLIMITE .050 Series Plug Assemblies Unshielded
for .025 [0.64] Centerline Ribbon Cable, Series III
AMPLIMITE Subminiature D Connectors
Note: All part numbers are RoHS compliant.
Backshell Kit for 5786090-7
.025 [0.64] C Unshielded
Plug
Materials:
Housing and Termination Covers—
Thermoplastic, 94V-0 rated, black
Contacts—Phosphor bronze, duplex
plated .000030 [0.00076] min. gold on
mating end, bright tin on termination
end, all over nickel underplating
Recommended wire size—
.025 [0.64] centerline, 30 AWG
[0.05mm2] solid or 7 strand, PVC,
flat ribbon cable.
Note: Cable must be approved by
Tyco Electronics Engineering.
Technical Documents for
5786090-7 only:
Product Specifications—108-1359
Application Specifications—
114-40049
No. of
Dimensions
Part
Pos.
EF
No.
1.578
1.578
50
40.07
40.07
5390377-51
2.029
2.023
68
51.54
51.30
5786090-7
±.003
[±0.08]
.050
[1.27]
Typ.
E
±.003
[±0.08]
F
.025
[0.64]
Unshielded
Plug Housing
Termination
Cover
.423
[10.74]
.833
[21.16]
Typ.
.466
[11.84]
4 Plc.
B
±.015
[±0.38]
A
Typ.
.682±.020
[17.32±0.51]
.400±.015
[10.16±0.38]
.596±.019
[15.14±0.48]
2 Plc.
.356±.002
[9.04±0.05]
1.715±.003
[43.56±0.08]
2.109±.009
[53.57±0.23]
.778±.015
[19.76±0.38]
Plug Assembly
Materials:
Backshell—Thermoplastic, 94V-0
rated, black
Spring Latches—Stainless steel
Strain Relief for 5786090-7
.025 [0.64] C Unshielded
Plug
68-Position
Part No. 787043-7
Materials:
Thermoplastic, 94V-0 rated, black
Note: Pull tab Part No. 88450-8
can be used with this strain relief.
Must be ordered separately.
CL
CL
No. of
Kit
Dimensions
Pos.
Part No.
AB
68
787032-7
2.415 [61.34]
2.125 [53.48]
Note: Termination Tooling: Manual Arbor Press Part No. 91085-2 or
Pneumatic Press Part No. 91112-3, Universal Base Tool Part
No. 768338-4, and Connector Specific Kit Part No. 679235-2.
Refer to page 29.
1
Accepts 32 AWG Flat Ribbon Cable. Selection of compatible ribbon cable is
the responsibility of the user.
Note: Refer to Tyco Electronics Customer drawings and Application Spec for PCB & panel layouts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com