Electronic Components Datasheet Search
  English  ▼

X  

050 Datasheet(PDF) 31 Page - Tyco Electronics

Part # 050
Description  AMPLIMITE Subminiature D Connectors
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

050 Datasheet(HTML) 31 Page - Tyco Electronics

Back Button 050 Datasheet HTML 24Page - Tyco Electronics 050 Datasheet HTML 25Page - Tyco Electronics 050 Datasheet HTML 26Page - Tyco Electronics 050 Datasheet HTML 27Page - Tyco Electronics 050 Datasheet HTML 28Page - Tyco Electronics 050 Datasheet HTML 29Page - Tyco Electronics 050 Datasheet HTML 30Page - Tyco Electronics 050 Datasheet HTML 31Page - Tyco Electronics 050 Datasheet HTML 32Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
36
Catalog 82068
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 1-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Shielded AMPLIMITE .050 Series Contact Arrangements, Performance
Specifications, Technical Documents—Slimline Connectors
AMPLIMITE Subminiature D Connectors
Note: All part numbers are RoHS compliant.
Contact Arrangements
Performance Specifications
Technical Documents
Position 1
A
B
C
Note: Mating face of receptacle is shown, plug is mirror image.
No. of
Position No.
Pos.
AB
C
26
13
14
26
Mating Cycles (Durability): 500 max.
Current Rating (30°C T-Rise): 1A max., 50% loading
Termination Resistance (Mated): 25 milliohms max.
Insulation Resistance: 1000 megohms min.
Dielectric Withstanding Voltage: 500 VAC
Header Processing Temperature: +220°C max. for 3 minutes
Temperature Range: –55°C to +105°C
Product Specifications describe technical performance
characteristics and verification tests. They are intended for
the Design, Component and Quality Engineer.
108-1366
Shielded AMPLIMITE .050 Series,
Slimline Connectors
Application Specifications describe requirements for using
the product in its intended application and/or termination infor-
mation. They are intended for the Packaging and
Design Engineer and the Setup person.
114-40036
Shielded AMPLIMITE .050 Series,
Slimline Connectors
Instruction Sheets provide instructions for assembling or
applying product. They are intended for Manufacturing
Assembler or Operator.
408-9663
Mass Insertion Tooling–Part No. 91291-
■
■
408-6923
AMP Manual Arbor Frame–Part No. 58024-1
408-9701
Wire Termination Tooling Kit for CHAMPOMATOR 2.5
Machine–Part No. 1-762661-4
408-7777
AMP Manual Arbor Frame w/Slide–Part No. 91085-2
408-9746
Crimper Assembly–Part No. 856684-1
408-9200
Single Wire Insertion Tool–Part No. 58430-1
408-9721
Die Holder Assembly for Pneumatic Crimper–
Part No. 58449-
■
■
408-9788
Die Assembly–Part No. 90437-1
408-9898
Backshell and Cover Tooling Assemblies–
Part No. 543521-1 and 543522-1
Customer Manuals provide information on Tyco Electronics
termination equipment. They are intended for Manufacturing
Assemblers or Operators.
409-5786
CHAMPOMATOR 2.5 Machine
409-5791
CHAMPOMATOR 2.5 Control Module–
Part No. 852423-
■
■
409-5822
Pneumatic Crimper–Part No. 312522-3
409-5843
Pneumatic Power Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com