Electronic Components Datasheet Search
  English  ▼

X  

050 Datasheet(PDF) 28 Page - Tyco Electronics

Part # 050
Description  AMPLIMITE Subminiature D Connectors
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

050 Datasheet(HTML) 28 Page - Tyco Electronics

Back Button 050 Datasheet HTML 24Page - Tyco Electronics 050 Datasheet HTML 25Page - Tyco Electronics 050 Datasheet HTML 26Page - Tyco Electronics 050 Datasheet HTML 27Page - Tyco Electronics 050 Datasheet HTML 28Page - Tyco Electronics 050 Datasheet HTML 29Page - Tyco Electronics 050 Datasheet HTML 30Page - Tyco Electronics 050 Datasheet HTML 31Page - Tyco Electronics 050 Datasheet HTML 32Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
33
Catalog 82068
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 1-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Shielded AMPLIMITE .050 Series Slimline Connectors (Continued)
AMPLIMITE Subminiature D Connectors
Note: All part numbers are RoHS compliant.
Material and Finish:
Housing and Termination Covers—
UL 94V-0 rated thermoplastic, black
Shell—Steel, plated bright tin over
copper
Contacts—Phosphor bronze, duplex
plated .000030 [0.00076] min. gold on
mating end, bright tin on termination
end, all underplated nickel
Bracket—Zinc, plated nickel over
copper
Recommended Wire Size—28 AWG
[0.08 mm2] with max. O.D. .032 [0.813].
PVC or polyolefin insulation.
Cable Connector, Plug
Part No. 750833-1
Note: Cable Connectors must be used with Backshell Kits. See page 34.
.275
[6.99]
.975
[24.77]
1.170
[29.72]
.576
[14.63]
Keying Code, Receptacle
Keying Code, Plug
Accessories
Female Screwlock Kit
Material—Stainless Steel
Note: Female screwlocks to be used with con-
nectors mounted to panels having a thickness
of .047 [1.19]
Position 1 (Up)
#2-56 Thread
#4-40 Thread
.142
[3.61]
.170
[4.32]
.170
[4.32]
.390
[9.91]
Part No.
Packaging
Individually Packed Kit
750831-1
(2 Screwlocks per kit)
*Minimum order is 510 kits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com