Electronic Components Datasheet Search
  English  ▼

X  

050 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 050
Description  AMPLIMITE Subminiature D Connectors
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

050 Datasheet(HTML) 4 Page - Tyco Electronics

  050 Datasheet HTML 1Page - Tyco Electronics 050 Datasheet HTML 2Page - Tyco Electronics 050 Datasheet HTML 3Page - Tyco Electronics 050 Datasheet HTML 4Page - Tyco Electronics 050 Datasheet HTML 5Page - Tyco Electronics 050 Datasheet HTML 6Page - Tyco Electronics 050 Datasheet HTML 7Page - Tyco Electronics 050 Datasheet HTML 8Page - Tyco Electronics 050 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
9
Catalog 82068
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 1-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
AMPLIMITE .050 Series Vertical Receptacle Headers With
Through-Hole Tails, Series III (Continued)
AMPLIMITE Subminiature D Connectors
Note: All part numbers are RoHS compliant.
No. of
Dimensions
Part No.
Pos.
ABCD
E
2.085
.874
.500
1.830
1.200
50/50
52.96
22.20
12.70
46.48
30.48
5787656-1
2.535
1.124
.750
2.280
1.650
68/68
64.39
28.55
19.05
57.91
41.91
5787678-1
2.535
1.124
.750
2.280
1.650
68/68
64.39
28.55
19.05
57.91
41.91
*5787679-1*
*Flat-top configuration.
E
E
.120 [3.05] Solder Tail
Length
Materials:
Housing—Thermoplastic, 94V-0 rated,
black. SMT compatible
Shell—Steel, plated bright nickel over
copper
Bracket—Zinc, plated nickel over
copper
Contacts—Phosphor bronze, duplex
plated .000030 [0.00076] min. gold on
mating end; tin on solder end; all under-
plated nickel
Related Product Data:
Required Hardware—page 26
Technical Documents:
Product Specifications—108-1228-1
Application Specifications—
114-40029
Note: Extra pin contact protection is provided
by rails, which facilitate a straight-out unmat-
ing motion. A side-to-side rocking motion
should not be used to disengage the connector
system.
C
C
A
A
D
D
.120±.007
[3.05±0.18]
Typ.
.120±.007
[3.05±0.18]
Typ.
.050
[1.27]
Typ.
.050
[1.27]
Typ.
.763
[19.38]
Typ.
.763
[19.38]
Typ.
Position 1
Typ.
Position 1
Typ.
Last Position
Typ.
Last Position
Typ.
2-56UNC-2B
4 Holes
4-40UNC-2B
4 Holes
±.008
[±0.20]
±.008
[±0.20]
B
B
Rails and Latch Blocks
Flat Top Configuration
Note: Refer to Tyco Electronics Customer drawings and Application Spec for PCB & panel layouts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com