Electronic Components Datasheet Search
  English  ▼

X  

050 Datasheet(PDF) 5 Page - Tyco Electronics

Part # 050
Description  AMPLIMITE Subminiature D Connectors
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

050 Datasheet(HTML) 5 Page - Tyco Electronics

  050 Datasheet HTML 1Page - Tyco Electronics 050 Datasheet HTML 2Page - Tyco Electronics 050 Datasheet HTML 3Page - Tyco Electronics 050 Datasheet HTML 4Page - Tyco Electronics 050 Datasheet HTML 5Page - Tyco Electronics 050 Datasheet HTML 6Page - Tyco Electronics 050 Datasheet HTML 7Page - Tyco Electronics 050 Datasheet HTML 8Page - Tyco Electronics 050 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
10
Catalog 82068
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 1-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
AMPLIMITE .050 Series Vertical Receptacle Headers, Series III, with
ACTION PIN Contacts (.050 x .100 [1.27 x 2.54] Centerlines)
AMPLIMITE Subminiature D Connectors
Shielded AMPLIMITE .050
Series headers with
ACTION PIN contacts offer
a high-density D type
interface, and a solderless
board-mount interconnection.
These vertical mount
headers are available in
20, 26, 50, 68 and 100
contact sizes. Choice of
configurations includes;
headers with rails and latch
blocks, with latch blocks
only, and without rails and
latch blocks.
ACTION PIN contact tails
are available in two lengths;
.173 [4.39] for pc boards
with a nominal thickness of
.062 [1.56] to .093 [2.36],
and .280 [7.11] for pc
boards with a nominal
thickness of .125 [3.18]
to .200 [5.08].
AMPLIMITE .050 Series
headers with ACTION PIN
contacts are compatible
with SCSI-2, SCSI-3, EIA
RS-232, IPI-2 and HIPPI
standards.
Principle of the AMPLIMITE .050
Series Compliant ACTION PIN
Contact
When an AMPLIMITE .050
Series compliant
ACTION PIN contact is
inserted into a plated-
through-hole, two spring
members are compressed,
exerting force against
the hole for a gas-tight
connection. The diameter
of the hole is smaller than
the diagonal size of the pin.
The beam characteristics of
the pin are designed so that
a plastic, as well as an
elastic, deformation takes
place during insertion.
The two spring members
compress to different
degrees to accommodate
hole tolerances. The
compliant pin also reduces
strain on the board. With a
rigid pin, the elastic strain
energy is stored entirely in
the board, leading to
damage of the plated-
through holes. With the
AMPLIMITE .050 Series
compliant ACTION PIN
contact, the residual force
of the elastic deformation
maintains stored energy to
produce a gas-tight contact
zone between the pin and
the plated-through-hole.
This ensures long term
electrical and mechanical
reliability of the
interconnection.
Product Facts
Recognized under the
Component Program of
the Underwriters
Laboratories, Inc.,
File No. E28476
Certified by Canadian
Standards
Association,
File No. 1088108
(LR 7189A-207)
Produced under a Quality
Management System
certified to ISO 9001
A copy of the
certificate is available
upon request
R
R
Technical Documents:
Product Specification—
108-1228-2
Application Specification—
114-40029
Instruction Sheets—
408 6923—AMP Manual Arbor
Frame Assembly
408 9027—AMP Adapter Kit for
Greenerd Frame Assemblies 3A and 3B
408 9757—Seating Instructions
and Tooling
408 6927—Recommendations for
pc board support
ISO
Certified
9001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com