Electronic Components Datasheet Search
  English  ▼

X  

050 Datasheet(PDF) 27 Page - Tyco Electronics

Part # 050
Description  AMPLIMITE Subminiature D Connectors
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

050 Datasheet(HTML) 27 Page - Tyco Electronics

Back Button 050 Datasheet HTML 23Page - Tyco Electronics 050 Datasheet HTML 24Page - Tyco Electronics 050 Datasheet HTML 25Page - Tyco Electronics 050 Datasheet HTML 26Page - Tyco Electronics 050 Datasheet HTML 27Page - Tyco Electronics 050 Datasheet HTML 28Page - Tyco Electronics 050 Datasheet HTML 29Page - Tyco Electronics 050 Datasheet HTML 30Page - Tyco Electronics 050 Datasheet HTML 31Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
32
Catalog 82068
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 1-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Shielded AMPLIMITE .050 Series Slimline Connectors (Continued)
AMPLIMITE Subminiature D Connectors
Note: All part numbers are RoHS compliant.
Material and Finish:
Housing—UL 94V-0 rated thermo-
plastic, black
Bracket—Zinc, plated tin over copper
Metal-Shell—Carbon steel, plated tin
over copper
Boardlocks—Copper alloy, tin plated
Contact Shield—Phosphor bronze,
plated tin
Contacts—Phosphor bronze, duplex
plated .000030 [0.00076] min. on
mating end, tin plated on solder end, all
over nickel
Shielded Right-Angle
Stacked Header,
Receptacle
1.230
[31.24]
.870±.015
[22.10±0.38]
.803
[20.40]
.635
[16.13]
Position 1
Position 1
Position 26
Position 26
Shielded Header with Rear Contact Shield
Part Numbers
No. of
Std. Rcpt. without
Rcpt. with
Positions
Rear Contact Shield
Rear Contact Shield3
Keyed1
Unkeyed2
Keyed1
Unkeyed2
26/26
—
5786200-1
5750821-1
5750820-1
1
Lower header unkeyed with 4-40 threaded holes, upper header keyed in keying
position 1. See page 33 for keying code.
2
Both headers unkeyed with 4-40 threaded holes.
3
Receptacle includes a metal contact shield for added RFI protection to the rear
of the receptacle assembly.
Shield
Date Code Marked
In Area Indicated
.050
[1.27]
Typ.
.188
[4.76]
.538
[13.67]
.363
[9.22]
.215
[5.46]
2 Plc.
.168
[4.27]
.600
[15.24]
.050
[1.27]
Typ.
Note: See Application Specification 114-40036 for the most up-to-date detailed panel cutout and recom-
mended PC Board hole pattern.
With Shielding
Without Shielding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com