Electronic Components Datasheet Search
  English  ▼

X  

050 Datasheet(PDF) 26 Page - Tyco Electronics

Part # 050
Description  AMPLIMITE Subminiature D Connectors
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

050 Datasheet(HTML) 26 Page - Tyco Electronics

Back Button 050 Datasheet HTML 22Page - Tyco Electronics 050 Datasheet HTML 23Page - Tyco Electronics 050 Datasheet HTML 24Page - Tyco Electronics 050 Datasheet HTML 25Page - Tyco Electronics 050 Datasheet HTML 26Page - Tyco Electronics 050 Datasheet HTML 27Page - Tyco Electronics 050 Datasheet HTML 28Page - Tyco Electronics 050 Datasheet HTML 29Page - Tyco Electronics 050 Datasheet HTML 30Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
31
Catalog 82068
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 1-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Shielded AMPLIMITE .050 Series Slimline Connectors (Continued)
AMPLIMITE Subminiature D Connectors
Note: All part numbers are RoHS compliant.
Material and Finish
Housing—UL 94V-0 rated thermo-
plastic, black
Bracket—Zinc, plated tin or tin over
copper
Metal-Shell—Carbon steel, plated tin
over copper
Boardlocks—Copper alloy, tin plated
Contacts—Phosphor bronze, duplex
plated .000030 [0.00076] min. gold on
mating end, tin plated on solder end, all
over nickel
.975
[24.77]
.588
[14.94]
.300
[7.26]
.100
[2.54]
1.230
[31.24]
Position 1
Position 26
Right-Angle Header,
Receptacle
Part No. 750823-1
Notes:
1. Rear panel mounting only.
2. Female screwlocks to be used with connectors mounted to panels having a thickness of .047 [1.19].
3. See Application Specification 114-40036 for the most up-to-date detailed panel cutout and recommended
PC Board hole pattern.
4. Female screwlocks are not included with receptacles and must be ordered separately. See page 33 for screwlock kit
information.
.118
[3.00]
Date Code Marked
In Area Indicated
.263
[6.680]
.338
[8.59]
.188
[4.76]
.050
[1.27]
Typ.
.600
[15.24]
.050
[1.27]
Typ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com