Electronic Components Datasheet Search
  English  ▼

X  

050 Datasheet(PDF) 30 Page - Tyco Electronics

Part # 050
Description  AMPLIMITE Subminiature D Connectors
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

050 Datasheet(HTML) 30 Page - Tyco Electronics

Back Button 050 Datasheet HTML 24Page - Tyco Electronics 050 Datasheet HTML 25Page - Tyco Electronics 050 Datasheet HTML 26Page - Tyco Electronics 050 Datasheet HTML 27Page - Tyco Electronics 050 Datasheet HTML 28Page - Tyco Electronics 050 Datasheet HTML 29Page - Tyco Electronics 050 Datasheet HTML 30Page - Tyco Electronics 050 Datasheet HTML 31Page - Tyco Electronics 050 Datasheet HTML 32Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
35
Catalog 82068
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 1-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Shielded AMPLIMITE .050 Series Slimline Connectors, Application Tooling
AMPLIMITE Subminiature D Connectors
Note: All part numbers are RoHS compliant.
Discrete Wire
Application Tooling
To meet medium to high
volume production of dis-
crete wire terminations,
Tyco Electronics offers the
following tooling:
The CHAMPOMATOR
Model 2.5 Bench
Terminating Machine—
Part No. 354786-1, used in
conjunction with Control
Module—Part No. 852423-
■
■,
and Tie Bar—Part No.
1-762637-3.
Note: CHAMPOMATOR 2.5
Machine and Control Module
must be ordered separately by
part number.
Discrete Wire
Application Tooling
For low to medium volume
production use the
Tyco Electronics Arbor
Tool—Part No. 58024-1
equipped with Applicator—
Part No. 91291-1 and Special
Locator—Part No. 543506-1.
Backshell Tooling and
Cover Tooling
To assemble backshell into
plastic housing use Manual
Miniature Applicator Frame
Assembly—Part No. 91295-1
equipped with Part No.
543521-1. To assemble
upper cover on lower
cover use Part No. 91295-1
equipped with Part No.
543522-1.
Cable-to-Shell Staple
Tooling (For discrete
wire jacketed cable only)
To meet medium to high
volume production use
Tyco Electronics Pneumatic
Crimper—Part No. 312522-3
equipped with Die Holder
Assembly—Part No. 58449-1
and Die—Part No. 90437-1 to
crimp outer backshells onto
inner backshells of connec-
tor kits and assemblies.
For low volume use Manual
Arbor Tool—Part No. 91085-2,
equipped with Backshell
Crimper Assembly Tool—
Part No. 856684-1.
Control Module
Part No. 852423-1 120 VAC
852423-2 100 VAC
852423-3 230 VAC
For tooling information call
Tooling Assistance Center
1-800-722-1111.
Pneumatic Bench Tool
No. 312522-3
(Requires Die Set Holder
No. 58449-1)
Staple Insertion Kit
Part No. 543515-1
(For use with Miniature Applicator
Frame Assembly
Part No. 91295-1)
Miniature Applicator Frame Assembly
Part No. 91295-1
Equipped with Cover Closing Kit
Part No. 543508-1
CHAMPOMATOR
2.5 Machine
Part No. 354786-1
26 Position
Tie Bar
1-762637-3
Wire Setup Gauge
Wire Insulation Dia.
in.
mm
Part No.
.026-.028
0.66-0.71
763382-3
.029-.031
0.74-0.79
763382-4
.032-.035
0.81-0.89
763382-5
Arbor Tool
Part No. 58024-1
Equipped with
Applicator Part No.
91291-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com