Electronic Components Datasheet Search
  English  ▼

X  

050 Datasheet(PDF) 6 Page - Tyco Electronics

Part # 050
Description  AMPLIMITE Subminiature D Connectors
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

050 Datasheet(HTML) 6 Page - Tyco Electronics

Back Button 050 Datasheet HTML 2Page - Tyco Electronics 050 Datasheet HTML 3Page - Tyco Electronics 050 Datasheet HTML 4Page - Tyco Electronics 050 Datasheet HTML 5Page - Tyco Electronics 050 Datasheet HTML 6Page - Tyco Electronics 050 Datasheet HTML 7Page - Tyco Electronics 050 Datasheet HTML 8Page - Tyco Electronics 050 Datasheet HTML 9Page - Tyco Electronics 050 Datasheet HTML 10Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
11
Catalog 82068
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 1-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
AMPLIMITE .050 Series Vertical Receptacle Headers,
with ACTION PIN Tails, Series III
AMPLIMITE Subminiature D Connectors
Note: All part numbers are RoHS compliant.
2-56 Thread
2 Plc.
L
Last Position
Position 1
Position 2
.406
[10.31]
P
Mating Face
Typ.
Typ.
.351
[8.92]
.150
[3.81]
.275
[2.98]
Typ.
.350
[8.89]
Typ.
R
M
S
±.015
[±0.38]
Materials:
Housings—Thermoplastic, 94V-0
rated, black, SMT compatible
Shell—Carbon steel, plated bright tin
over copper
Bracket—Zinc, plated nickel over
copper
Contacts—Phosphor bronze, duplex
plated .000030 [0.00076] min. gold on
mating end; tin on solder end; all under-
plated nickel
Technical Documents:
Product Specifications—
108-1228-2
Application Specifications—
114-40029
Note: Extra pin contact protection is provided
by rails, which facilitate a straight-out unmat-
ing motion. A side-to-side rocking motion
should not be used to disengage the connector
system.
No. of
Dimensions
Part Numbers
Pos.
L
M
P
R
S
w/ Rails & Latchblocks
w/ Latchblocks
Plain
20
1.080
.915
.450
1.315
.173
5786554-1
—
—
27.43
23.24
11.43
33.40
4.39
26
1.230
1.065
.600
1.465
.173
5786554-2
—
—
31.34
27.05
15.24
37.21
4.39
.173
5786554-5
5786155-5
5786555-5
50
1.830
1.665
1.200
2.065
4.39
46.48
42.29
30.48
52.45
.280
5786556-5
—
—
7.11
.173
5786554-7
5786155-7
5786555-7
68
2.280
2.115
1.650
2.515
4.39
57.91
53.72
41.91
63.88
.280
—
786155-7
5786557-7
7.11
100
3.080
2.915
2.450
3.315
.173
5786554-9
—
5786555-9
78.23
74.04
62.23
84.20
4.39
120
3.580
3.415
2.950
3.815
.173
1-5786554-0
—
—
90.93
86.74
74.93
96.90
4.39
Note: Refer to Tyco Electronics Customer drawings and Application Spec for PCB & panel layouts.
Part Number 786554-1
Part Number 786554-7
Part Number 786155-7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com