Electronic Components Datasheet Search
  English  ▼

X  

050 Datasheet(PDF) 22 Page - Tyco Electronics

Part # 050
Description  AMPLIMITE Subminiature D Connectors
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

050 Datasheet(HTML) 22 Page - Tyco Electronics

Back Button 050 Datasheet HTML 18Page - Tyco Electronics 050 Datasheet HTML 19Page - Tyco Electronics 050 Datasheet HTML 20Page - Tyco Electronics 050 Datasheet HTML 21Page - Tyco Electronics 050 Datasheet HTML 22Page - Tyco Electronics 050 Datasheet HTML 23Page - Tyco Electronics 050 Datasheet HTML 24Page - Tyco Electronics 050 Datasheet HTML 25Page - Tyco Electronics 050 Datasheet HTML 26Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
27
Catalog 82068
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 1-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
AMPLIMITE .050 Series Performance Specifications and
Technical Documents
AMPLIMITE Subminiature D Connectors
Performance Specifications for
Right-Angle, Vertical and .050
Centerline Cable Products
Performance Specifications for
.025 [1.27] Centerline Ribbon
Cable Product. Same as above
except:
Mating Cycles (Durability): 500 max.
Current Rating (30°C T-Rise): 1A max., 50% energized
Termination Resistance (Mated): 25 milliohms max.
Insulation Resistance: 1000 megohms min.
Dielectric Withstanding Voltage: 500 VAC
Header Processing Temperature: +220°C max. for 3 minutes
Temperature Range: –55°C to 105°C
Current Rating (30°C T-Rise): 1A max. center four contacts energized (two from top row, two
from bottom row)
Termination Resistance (Mated): 50 milliohms max.
Product Specifications:
108-1228
AMPLIMITE .050 Series Printed Circuit Board Mounted and Cable Applied
108-1359
AMPLIMITE .050 Series .025 [0.64] Centerline Connectors
108-1228
AMPLIMITE .050 Series Stacked Connectors
108-1228-2 AMPLIMITE .050 Series ACTION PIN Connectors
108-1228-3 AMPLIMITE .050 Series SBus Connectors
Application Specifications:
114-40029
AMPLIMITE .050 Series Printed Circuit Board Mounted and Cable Applied
Connectors
114-40049
AMPLIMITE .050 Series .025 [0.64] Centerline Connectors
Instruction Sheets:
408-6923
AMP Manual Arbor Frame Assembly
408-6927
Tyco Electronics Design Recommendations for Printed Circuit Board
Support Fixture
408-9200
AMP Single Wire Insertion Tool
408-9822
Wire Termination Tooling Kit for CHAMPOMATOR 2.5 Machine
408-9820
AMP Cover Closing and Staple Inserter Kits
408-9663
AMP Mass Insertion Tool
408-9750
AMP Cover Lacing Fixture
408-9757
AMP Tooling Assembly for ACTION PIN Receptacles
408-9817
AMP Manual Miniature Applicator Frame Assembly
408-9427
Round-to-Flat Cable Termination
408-9875
AMP Universal Base Tool for .025 [0.64] C Connectors
408-9892
AMP Tool Kit for .025 [0.64] C Connectors
Customer Manuals:
409-5839
CHAMPOMATOR 2.5 Machine
409-5791
Control Unit for CHAMPOMATOR 2.5 Machine
C
L
C
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com