Electronic Components Datasheet Search
  English  ▼

X  

050 Datasheet(PDF) 32 Page - Tyco Electronics

Part # 050
Description  AMPLIMITE Subminiature D Connectors
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

050 Datasheet(HTML) 32 Page - Tyco Electronics

Back Button 050 Datasheet HTML 24Page - Tyco Electronics 050 Datasheet HTML 25Page - Tyco Electronics 050 Datasheet HTML 26Page - Tyco Electronics 050 Datasheet HTML 27Page - Tyco Electronics 050 Datasheet HTML 28Page - Tyco Electronics 050 Datasheet HTML 29Page - Tyco Electronics 050 Datasheet HTML 30Page - Tyco Electronics 050 Datasheet HTML 31Page - Tyco Electronics 050 Datasheet HTML 32Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
37
Catalog 82068
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 1-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
AMPLIMITE .050 Series Panel Mount Receptacle Assemblies
for .025 [0.64] Centerline Ribbon Cable, Series III
AMPLIMITE Subminiature D Connectors
Note: All part numbers are RoHS compliant.
Materials:
Housing and Termination Covers—
Thermoplastic, 94V-0 rated, black
Shell—Steel, plated bright tin over
copper
Bracket—Zinc, plated nickel over
copper
Contacts—Phosphor bronze, duplex
plated .000030 [0.00076] min. gold on
mating end; tin on solder end; all nickel
underplated
Recommended wire size—
.025 [0.64] centerline, 30 AWG
[0.05mm2] and 32 AWG [0.03mm2]
solid or 7 strand, PVC, flat ribbon cable.
Selection of compatible ribbon cable is
the responsibility of the user.
Technical Documents:
See customer drawings for
Product Performance criteria.
■ Recognized under
the Component Program
of Underwriters
Laboratories, Inc.,
File No. E28476
■ Certified by
Canadian Standards
Association,
File No. LR 7189
R
R
Termination Cover
Receptacle Housing
Panel Mount
Bracket
.423
[10.74]
.786±.015
[19.96±0.38]
±.006
[±0.15]
.406
[10.31]
E
±.003
[±0.08]
F
.025
[0.64]
.050
[1.27] Typ.
see table
H
.201±.002
[5.11±0.05]
.170±.002
[4.32±0.05]
G
±.004
[±0.10]
latch
blocks
No. of
Dimensions
Gold
Mating Hardware
Part No.
Pos.
EF
G
H
Plating
1.831
1.602
2.066
w/ 4-40 threaded holes
46.50
40.70
N/A
52.47
15µ
1-5390378-5
1.831
1.602
2.066
w/ 4-40 threaded holes
46.50
40.70
N/A
52.47
30µ
5390378-5
1.831
1.602
1.664
2.066
w/ latch blocks and
50
46.50
40.70
42.27
52.47
flash
4-40 threaded holes
2-5390399-5
1.831
1.602
1.664
2.066
w/ latch blocks and
46.50
40.70
42.27
52.47
15µ
4-40 threaded holes
1-5390399-5
1.831
1.602
1.664
2.066
w/ latch blocks and
46.50
40.70
42.27
52.47
30µ
4-40 threaded holes
5390399-5
1.831
1.602
1.664
2.066
w/ latch blocks and
46.50
40.70
42.27
52.47
30µ
2-56 threaded holes
5390379-5
2.281
2.018
2.516
w/ 4-40 threaded holes
57.93
51.50
N/A
63.90
15µ
1-5390378-7
2.281
2.018
2.516
w/ 4-40 threaded holes
57.93
51.50
N/A
63.90
30µ
5390378-7
2.281
2.018
2.114
2.516
w/ latch blocks and
68
57.93
51.50
53.70
63.90
flash
4-40 threaded holes
2-5390399-7
2.281
2.018
2.114
2.516
w/ latch blocks and
57.93
51.50
53.70
63.90
15µ
4-40 threaded holes
1-5390399-7
2.281
2.018
2.114
2.516
w/ latch blocks and
57.93
51.50
53.70
63.90
30µ
4-40 threaded holes
5390399-7
Note: Termination Tooling: Manual Arbor Press Part No. 91085-2 or Pneumatic Press Part No. 91112-3, Universal
Base Tool Part No. 768338-4, and Connector Specific Kit Part No. 1490479-1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com