Electronic Components Datasheet Search
  English  ▼

X  

050 Datasheet(PDF) 19 Page - Tyco Electronics

Part # 050
Description  AMPLIMITE Subminiature D Connectors
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

050 Datasheet(HTML) 19 Page - Tyco Electronics

Back Button 050 Datasheet HTML 15Page - Tyco Electronics 050 Datasheet HTML 16Page - Tyco Electronics 050 Datasheet HTML 17Page - Tyco Electronics 050 Datasheet HTML 18Page - Tyco Electronics 050 Datasheet HTML 19Page - Tyco Electronics 050 Datasheet HTML 20Page - Tyco Electronics 050 Datasheet HTML 21Page - Tyco Electronics 050 Datasheet HTML 22Page - Tyco Electronics 050 Datasheet HTML 23Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
24
Catalog 82068
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 1-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
AMPLIMITE .050 Series Panel Mount Plug Assemblies
With Rails, Latch Blocks, Series III (Continued)
AMPLIMITE Subminiature D Connectors
Note: All part numbers are RoHS compliant.
Materials:
Housing and Termination Covers—
Thermoplastic, 94V-0 rated, black
Shell—Steel, plated bright nickel over
copper
Bracket—Zinc, plated nickel over
copper
Contacts—Phosphor bronze, duplex
plated .000030 [0.00076] min. gold on
mating end, bright tin in termination
area, all nickel underplated
Recommended wire size—
28 AWG [0.08-0.09mm2] or
30 AWG [0.05mm2], solid or
7 strand, with a .029-.036
[0.74-0.89] insulation diameter or
.050 [1.27] centerline, 28 AWG
[0.08-0.09mm2] stranded, PVC, flat
ribbon cable.
Technical Documents:
Product Specifications—108-1228
Application Specifications—
114-40029
Note: Extra pin contact protection is provided
by rails, which facilitate a straight-out, unmat-
ing motion. A side-to-side rocking motion
should not be used to disengage the connector
system.
.201±.002
[5.11±0.05]
Typ.
E
C
±.004
F [±0.05]
±.007
D [±0.18]
.170±.002
[4.32±0.05]
Typ.
.596
[15.14]
Typ.
.050
[1.27]
Typ.
.406
[10.31]
Mating Face
Contact
Typ.
Housing
Cavity Identification
2-56 UNC*
2 Plc.
Dimensions
Part Numbers
No. of
CD
E
F
Connectors With Assembled
Pos.
Standard Termination Covers
1.080
.879
1.315
.915
20
27.43
22.33
33.40
23.24
5-749611-2*
1.230
1.029
1.465
1.065
26
31.24
26.14
37.21
27.05
5-749611-1*
1.830
1.629
2.065
1.665
50
46.48
41.38
52.45
42.29
5-749611-5*
1.830
1.629
2.065
1.665
50
46.48
41.38
52.45
42.29
5-750450-1*
3.080
2.879
3.315
2.915
100
78.23
73.13
84.20
74.04
5-749611-9
*
*Part Number 750450-1 has 4-40 threaded holes. All others have 2-56 threaded holes.
Note: For termination, cover closing and wire lacing tooling, see page 14.
Note: For termination tooling other than wire lacing see pages 28 & 29.
Note: Refer to Tyco Electronics Customer drawings and Application Spec for PCB & panel layouts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com