Electronic Components Datasheet Search
  English  ▼

X  

050 Datasheet(PDF) 25 Page - Tyco Electronics

Part # 050
Description  AMPLIMITE Subminiature D Connectors
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

050 Datasheet(HTML) 25 Page - Tyco Electronics

Back Button 050 Datasheet HTML 21Page - Tyco Electronics 050 Datasheet HTML 22Page - Tyco Electronics 050 Datasheet HTML 23Page - Tyco Electronics 050 Datasheet HTML 24Page - Tyco Electronics 050 Datasheet HTML 25Page - Tyco Electronics 050 Datasheet HTML 26Page - Tyco Electronics 050 Datasheet HTML 27Page - Tyco Electronics 050 Datasheet HTML 28Page - Tyco Electronics 050 Datasheet HTML 29Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
30
Catalog 82068
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 1-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Shielded AMPLIMITE .050 Series Slimline Connectors
AMPLIMITE Subminiature D Connectors
Product Facts
Compact design, profile
for the right-angle header
1.230 x .588 [31.24 x 14.94],
vertical header 1.230 x .433
[31.24 x 11.00], right-angle
stacked headers 1.230 x
.803 [31.24 x 20.40]
Housings and covers made
of UL 94V-0 rated thermo-
plastic
Headers are compatible
with surface mount reflow
solder processes
Header footprint for right-
angle and stacked configura-
tions is .100 x .050
[2.54 x 1.27] staggered
centerlines
Right-angle and stacked
headers feature integral
boardlocks for positive board
retention and grounding
Stacked headers reduce
overall total header volume
by 48% and PC board area
by 38%
Stacked headers offer
optional contact shield for
additional EMI/RFI protection
Plugs preloaded with
insulation displacement
contacts (IDC) provide fast,
reliable and economical
terminations
Aesthetically designed back-
shell kits feature easy-to-use
finger grip jackscrews to
secure mated connectors
Listed and complies with UL
1863, Communication
Circuit Accessories,
File No. E81956
Certified by
Canadian Standards
Association
File No. 1088108
(LR 7189A-207)
■ Produced under a Quality
Management System certi-
fied to ISO 9001
■ A copy of the
certificate is available
upon request
R
R
ISO
Certified
9001
Shielded AMPLIMITE .050
Series, Slimline Connectors
answer today’s industry
requirement for higher
density in a smaller overall
package. The present line
consists of 26 position,
shielded right-angle, 26
position right-angle stacked
PCB receptacle header, and
mating 26 position plug
connectors. All header, plug
and backshell housings are
made of UL 94V-0 rated
thermoplastic. PCB headers
are compatible with surface
mount reflow solder
processes. Right-angle and
stacked PCB headers fea-
ture con-tact footprints on
.100 x .050 [2.54 x 1.27]
staggered centerlines.
The compact design of the
right-angle header package
measures only 1.230 W x
.588 D x .300 H [31.24 W x
14.94 D x 7.62 H] for maxi-
mum board real estate con-
servation. Right-angle PCB
headers feature integral
boardlocks for positive board
retention and grounding.
Right-angle stacked headers
provide 52 contacts in a
package only .635 [16.13]
high, allowing parallel
(board-over-board) board
spacing of .800 [20.32].
Centerlines between the top
connector and the bottom
connector measure .335
[8.51] when compared to
.400 [10.16] on the standard
.050 Series stacked headers.
This results in an over-all
reduction of total header
volume, in comparison to
the standard AMPLIMITE
.050 Series header, of 48%,
and a comparative reduction
in PC board area of 38%.
Stacked header board
retention and stabilization
is provided by two board-
locks and four grounding
posts. In addition, an
optional rear contact shield
is available for additional
EMI/RFI protection.
The mating plug connector
consists of a thermoplastic
housing, preloaded with
insulation displacement
contacts (IDC) for fast, reli-
able terminations that offer
greater applied cost sav-
ings. Tyco Electronics offers
a choice of termination
equipment to meet your
production requirements.
The backshell hardware kit
includes a two-piece, aes-
thetically designed, thermo-
plastic cover over an inner
and outer shield and two,
high strength #2-56 male
jackscrews with insulated
heads (easy finger grip
caps) to secure mated
connectors.
The AMPLIMITE .050
Series, Slimline family of
connectors offers keyed
coupling. This feature elimi-
nates the problem of mis-
match mating of plug and
receptacle, particularly in
stacked applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com