Electronic Components Datasheet Search
  English  ▼

X  

050 Datasheet(PDF) 24 Page - Tyco Electronics

Part # 050
Description  AMPLIMITE Subminiature D Connectors
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

050 Datasheet(HTML) 24 Page - Tyco Electronics

Back Button 050 Datasheet HTML 20Page - Tyco Electronics 050 Datasheet HTML 21Page - Tyco Electronics 050 Datasheet HTML 22Page - Tyco Electronics 050 Datasheet HTML 23Page - Tyco Electronics 050 Datasheet HTML 24Page - Tyco Electronics 050 Datasheet HTML 25Page - Tyco Electronics 050 Datasheet HTML 26Page - Tyco Electronics 050 Datasheet HTML 27Page - Tyco Electronics 050 Datasheet HTML 28Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
29
Catalog 82068
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 1-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
AMPLIMITE .050 Series Application Tooling, Series III (Continued)
AMPLIMITE Subminiature D Connectors
Note: All part numbers are RoHS compliant.
Cover Closing/
Termination Tooling
Manual Miniature Applicator
Frame Assembly—
Part No. 91295-1
This Frame requires Cover
Closing Kit—Part No. 543508-1
Cable Staple Tooling
To provide cable strain relief
use Manual Miniature
Applicator Frame Assembly—
Part No. 91295-1. This Frame
requires Staple Insertion
Kit—Part No. 543515-1 to
install staples into lower
backshells of connector kits
and assemblies.
AMPLIMITE .050 Series
Connector Application
Tooling for Use with Wire
Lacing Terminating Covers
Manual Arbor Frame
Assembly—Part No. 58024-1
Equipped with Cover
Lacing Assembly—Part No.
91293-1 (Includes Seating
Bars for 50 and 100 Positions).
See Table 3 for Seating Bar
Part Numbers.
Extra Lacing Stations avail-
able for use with Lacing
Assembly—Part No. 91293-1
Order Lower Tooling
Assembly—Part No. 543481-1
Arbor Frame, Part No. 58024-1
Equipped with
Cover Lacing Assembly, Part No. 91293-1
Seatings Bars
No. of
Seating Bar
Pos.
Part No.
26
543494-2
50
543494-1
68
543502-2
100
543502-1
Notes: All Tooling must be ordered
separately by part number.
Two seating bars required
per tool assembly.
Table Number 3
Termination Tooling for
.025 [0.64] Centerline
Ribbon Cable
Used with Manual Arbor
Tool Part No. 91085-2, or
Pneumatic Arbor Tool Part No.
91112-3 and Universal Base
Tool Part No. 768338-4.
Staple Insertion Kit
Part No. 543515-1
(For use with Miniature Applicator
Frame Assembly
Part No. 91295-1)
Miniature Applicator Frame Assembly
Part No. 91295-1
Equipped with Cover Closing Kit
Part No. 543508-1
Note: AMP Manual Miniature
Applicator Frame Assembly, Cover
Closing Kit, and Staple Insertion
Kit each must be ordered separately
by part number.
No. of
Plug/Receptacle
Pos.
Upper Tooling Kit
50
679235-2
68
Lower Tooling Assembly
Part No. 543481-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com