Electronic Components Datasheet Search
  English  ▼

X  

050 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 050
Description  AMPLIMITE Subminiature D Connectors
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

050 Datasheet(HTML) 3 Page - Tyco Electronics

  050 Datasheet HTML 1Page - Tyco Electronics 050 Datasheet HTML 2Page - Tyco Electronics 050 Datasheet HTML 3Page - Tyco Electronics 050 Datasheet HTML 4Page - Tyco Electronics 050 Datasheet HTML 5Page - Tyco Electronics 050 Datasheet HTML 6Page - Tyco Electronics 050 Datasheet HTML 7Page - Tyco Electronics 050 Datasheet HTML 8Page - Tyco Electronics 050 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
8
Catalog 82068
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 1-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
AMPLIMITE .050 Series Vertical Receptacle Headers With
Through-Hole Tails, Series III
AMPLIMITE Subminiature D Connectors
Note: All part numbers are RoHS compliant.
Last Position
.100
[2.54]
.350
[8.89]
.406
[10.31]
L
P
2-56 Threaded
Hole 2 Plc.
Position 1
Position 2
Position 3
Materials:
Housing—Thermoplastic, 94V-0 rated,
black. SMT compatible
Shell—Steel, plated bright nickel over
copper
Bracket—Zinc, plated nickel over
copper
Contacts—Phosphor bronze, duplex
plated .000030 [0.00076] min. gold on
mating end; tin on solder end; all under-
plated nickel
Technical Documents:
Product Specifications—108-1228
Application Specifications—
114-40029
Note: Extra pin contact protection is provided
by rails, which facilitate a straight-out, unmat-
ing motion. A side-to-side rocking motion
should not be used to disengage the connector
system.
.125±.015
[3.18±0.38]
.351
[8.92]
.150
[3.81]
R
M
Part Number 749069-5
No. of
Dimensions
Part Numbers
Pos.
L
M
P
R
w/ Rails & Latchblocks
w/ Latchblocks
Plain
20
1.080
.915
.450
1.315
5749069-1
—
—
27.43
23.24
11.43
33.40
26
1.230
1.065
.600
1.465
5749069-2
—
—
31.34
27.05
15.24
37.21
28
1.280
1.115
.650
1.515
—
5749721-3
—
32.51
28.32
16.51
38.48
40
1.580
1.415
.950
1.815
5749069-4
—
—
40.13
35.94
24.13
46.10
50
1.830
1.665
1.200
2.065
5749069-5
5749721-5
5749070-5
46.48
42.29
30.48
52.45
68
2.280
2.115
1.650
2.515
5749069-7
5749721-7
5749070-7
57.91
53.72
41.91
63.88
80
2.580
2.415
1.950
2.815
5749069-8
—
—
65.53
61.34
49.53
71.50
100
3.080
2.915
2.450
3.315
5749069-9
—
5749070-9
78.23
74.04
62.23
84.20
Note: Refer to Tyco Electronics Customer drawings and Application Spec for PCB & panel layouts.
Part Number 749721-5
Part Number 749070-7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com