Electronic Components Datasheet Search
  English  ▼

X  

050 Datasheet(PDF) 23 Page - Tyco Electronics

Part # 050
Description  AMPLIMITE Subminiature D Connectors
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

050 Datasheet(HTML) 23 Page - Tyco Electronics

Back Button 050 Datasheet HTML 19Page - Tyco Electronics 050 Datasheet HTML 20Page - Tyco Electronics 050 Datasheet HTML 21Page - Tyco Electronics 050 Datasheet HTML 22Page - Tyco Electronics 050 Datasheet HTML 23Page - Tyco Electronics 050 Datasheet HTML 24Page - Tyco Electronics 050 Datasheet HTML 25Page - Tyco Electronics 050 Datasheet HTML 26Page - Tyco Electronics 050 Datasheet HTML 27Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
28
Catalog 82068
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 1-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
AMPLIMITE .050 Series Application Tooling, Series III
AMPLIMITE Subminiature D Connectors
Note: All part numbers are RoHS compliant.
Discrete Wire
Application Tooling
To meet medium to high
volume production of
dis-crete wire terminations,
Tyco Electronics offers the
following tooling:
The CHAMPOMATOR
Model 2.5 Bench
Terminating Machine—
Part No. 354786-1, used in
conjunction with Control
Module—Part No. 852423-
▫,
and Tie Bar—Part No.
762637-
▫ (Table No. 1).
Discrete Wire
Application Tooling
For low to medium volume
production use the AMP
Arbor Frame Assembly—
Part No. 58024-1 equipped
with Applicator—Part No.
91291-1 for .032-.035
[0.81-0.89] Conductor
Insulation O.D. and Appli-
cator—Part No. 91291-2
for .029-.032 [0.74-0.81]
Conductor Insulation O.D.
Connector
Tie Bar
Size
Part No.
20 Pos.
1-762637-1
26 Pos.
1-762637-1
28 Pos.
1-762637-2
40 Pos.
1-762637-3
50 Pos.
1-762637-4
60 Pos.
1-762637-5
68 Pos.
1-762637-6
80 Pos.
1-762637-7
100 Pos.
1-762637-9
120 Pos.
1-762637-0
Note: The CHAMPOMATOR 2.5 Machine includes plug
and receptacle nests, as well as wire setup gauge.
Control Module
Part No. 852423-1 120 VAC
852423-2 100 VAC
852423-3 230 VAC
CHAMPOMATOR
2.5 Machine Tool Kit
Part No. 354786-1
Table Number 1
Note: AMP Arbor Frame Assembly and
Applicator Kit must be ordered separately.
Arbor Frame
Part No. 58024-1
Equipped with
Applicator Part No.
91291-
▫



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com