Electronic Components Datasheet Search
  English  ▼

X  

AL300 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # AL300
Description  LCD Monitor Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AL300 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button AL300 Datasheet HTML 35Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 36Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 37Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 38Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 39Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 40Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 41Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 42Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
AL300
November 28, 2001
39
1
YUV Video horizontal capture start is defined by register #20h and
#21h. Note that when #20h values changes between odd and even, the
output U/V may flip. #20h should stay either odd or even at all times
to ensure correct U/V.
When SoftTVRef is 0, register#20h<0> will be used as U/V Flip
The counterpart for controlling graphic reference is defined by SoftGraRef
(register #80h<6>)
Interpolation
<7>
0
turn on interpolation
1
turn off interpolation (duplicate pixels only)
07h:
Adjustment (R/W) [ADJUSTMENT]
Reserved
<7>
HDEDelay
<6:4> PDSPEN delay relative to output data phase
Reserved
<3:0>
Optimized value is 00h for single pixel mode, 20h for dual pixel mode
Please also program registers #05h<5>, #43h<7>, and #43h<4> accordingly for dual pixel mode.
Output Clock PLL and Zoom Ratio:
The output pixel clock is generated from the input HSYNC (or with input pixel clock) relative to the ratio
between the output and input display resolution. The PLL divider (PLLDIV, defined by registers #10h and
11h) has a maximum value of 2047 programmed by an 11-bit word. PLLDIV is defined by the following
equation:
For the best scaling quality, PLLREFDIV (defined by registers #12h and #13h) is used as a PLL reference
divider. In this case, PLLREFDIV (M) should be equal to the total number of pixels per input line (Hi). If
N is greater than 2047, both N and M need to be adjusted by dividing the scaling ratio by a simple integer
as in the following example:
Example: (N greater than 2047)
PLLDIV(N) =
Vo
Vi
Where, Ho is the total number of pixels per output line
Vo is the output active lines per frame
Vi is the input active lines per frame
Ho



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com