Electronic Components Datasheet Search
  English  ▼

X  

AL300 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AL300
Description  LCD Monitor Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AL300 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AL300 Datasheet HTML 1Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 2Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 3Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 4Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 5Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 6Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 7Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 8Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 64 page
background image
AL300
November 28, 2001
4
AL300
LCD Monitor Controller
1.0 Features
• Converts PC’s or TV’s signals for flat panel
displays
• Supports active matrix up to 1280x1024
resolution
• De-interlacing support for video inputs
• Automatic screen positioning support
• Fully programmable zoom ratios
• Independent linear zoom in H and V
directions
• Supports single and dual pixel per clock
panels
• Dithering logic to enhance color resolution
for 12-bit or 18-bit panels
• Built-in high speed PLL
• User-definable font table supporting different
languages and font sizes
• Two built-in OSD windows
• I2C programmable
• No external memory required
• Single 3.3 volt power with 5 volt tolerant I/O
• 160-pin 28x28 mm PQFP package
2.0 Applications
• TFT LCD Monitor
• LCD TV
• LCD Projector with PC and/or TV Input
• Other Flat Panel Displays
• TV to PC Monitor Scan Converter
• Progressive Scan TV
Color Space
Converter
Zoom
Engine
Memory
Gamma
LUT
Dithering
OSD
Panel
Interface
Scan Mode
Detection
Timing
Generator
IIC
Interface
PLL
Panel
Font Table ROM
Microcontroller
OCLK
Control
Timing
Control
Registers
HSYNC
VSYNC
CLK
Input Video/
Graphics
Data
AL300-01 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com