Electronic Components Datasheet Search
  English  ▼

X  

AL300 Datasheet(PDF) 47 Page - List of Unclassifed Manufacturers

Part # AL300
Description  LCD Monitor Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AL300 Datasheet(HTML) 47 Page - List of Unclassifed Manufacturers

Back Button AL300 Datasheet HTML 43Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 44Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 45Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 46Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 47Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 48Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 49Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 50Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 51Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 64 page
background image
AL300
November 28, 2001
47
51h:
Horizontal Blank Start High (R/W) [HBLANKSTART]
HBlankStartH <2:0> Bits <10:8> of Horizontal blank start position + 12. (Unit: 1 pixel)
52h:
Horizontal Blank End Low (R/W) [HBLANKEND]
HBlankEndL
<7:0> Bits <7:0> of Horizontal blank end position + 12. (Unit: 1 pixel)
53h:
Horizontal Blank End High (R/W) [HBLANKEND]
HBlankEndH <2:0> Bits <10:8> of Horizontal blank end position + 12. (Unit: 1 pixel)
54h:
Vertical Blank Start Low (R/W) [VBLANKSTART]
VBlankStartL <7:0> Bits <7:0> of Vertical blank start position. (Unit: 1 line)
55h:
Vertical Blank Start High (R/W) [VBLANKSTART]
VBlankStartH <2:0> Bits <10:8> of Vertical blank start position. (Unit: 1 line)
56h:
Vertical Blank End Low (R/W) [VBLANKEND]
VBlankEndL
<7:0> Bits <7:0> of Vertical blank end position. (Unit: 1 line)
57h:
Vertical Blank End High (R/W) [VBLANKEND]
VBlankEndH <2:0> Bits <10:8> of Vertical blank end position. (Unit: 1 line)
Input Timing Measurement:
60h:
Input Status (R only) [INPUTSTATUS]
InHsPol
<0>
Input HSYNC Polarity.
0
Active low/ negative polarity
1
Active high/ positive polarity
InVsPol
<1>
Input VSYNC polarity.
0
Active low/ negative polarity
1
Active high/ positive polarity
OddFIeld
<2>
1, if input is in odd field
Reserved
<3>
InVde
<4>
1, if input video is in active region
OutVde
<5>
1, if output video is in active region
RefVs
<6>
1, if refence timing is in VSYNC cycle (in free running mode)
InVSYNC
<7>
1, if input timing is in VYSNC cycle
61h:
Input Line Rate Low (R only) [LINERATE]
LineRateL
<7:0> Bits <7:0> of input line rate, which is in terms of how many reference lock
cycles per horizontal line.
Refresh Rate = (Reference clock frequency) / (LINERATE x INVTOTAL)
Reference clock is the clock from XIN pin.
LINERATE is the input line rate defined in registers #61h and #62h
INVTOTAL is the input vertical total line defined in registers #63h and #64h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com