Electronic Components Datasheet Search
  English  ▼

X  

AL300 Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # AL300
Description  LCD Monitor Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AL300 Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button AL300 Datasheet HTML 42Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 43Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 44Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 45Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 46Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 47Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 48Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 49Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 50Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 64 page
background image
AL300
November 28, 2001
46
ColorOut
<6>
Replace the input video with color 3 (refer to registers #B9h, #BAh, and
#BBh for additional reference)
InvOutClk
<7>
Invert the phase of SCLK, PCLKA, and PCLKB. This bit is usually 1 for
dual pixel panels.
Please also program registers #05h and #07h accordingly for dual pixel panels.
65h:
Interrupt Status (R only) [IREQSTATUS]
Please refer to the register 65h description in the Input Timing Measurement section, after register
64h.
Look-up Table:
48h:
Red LUT write data port (R/W) [RLUTPORT]
RLutPort
<7:0> Red LUT write data port
49h:
Green LUT write data port (R/W) [GLUTPORT]
GLutPort
<7:0> Green LUT write data port
4Ah:
Blue LUT write data port (R/W) [BLUTPORT]
BLutPort
<7:0> Blue LUT write data port
4Bh:
LUT write port address (R/W) [ LUTWADDR]
LutWrAddr
<7:0> Address of LUT wrote port
OSD RAM:
4Ch:
OSD RAM address Low byte (R/W) [OSDRAMWADDR]
OsdRamAddrL <7:0> Bits <7:0> of OSD RAM write address
4Dh:
OSD RAM address high byte (R/W) [OSDRAMWADDR ]
OsdRamAddrH<1:0> Bits <9:8> of OSD RAM write address
4Eh:
OSD RAM write data port (R/W) [OSDRAMWPORT]
OsdRamPort
<7:0> OSD RAM write port
Writing data to this register #4Eh automatically increases the OSD RAM address
defined in registers #4Ch and #4Dh.
Blanking/border control:
The blanking control is used as output data cropping
50h:
Horizontal Blank Start Low (R/W) [HBLANKSTART]
HBlankStartL <7:0> Bits <7:0> of Horizontal blank start position + 12.
(Unit: 1 pixel)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com