Electronic Components Datasheet Search
  English  ▼

X  

AL300 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # AL300
Description  LCD Monitor Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AL300 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button AL300 Datasheet HTML 6Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 7Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 8Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 9Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 10Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 11Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 12Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 13Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 64 page
background image
AL300
November 28, 2001
10
BA<7:0>
OUT (CMOS) 112-115, 117-
120
Blue Data Output
When Register 0x43 bit4 = ‘0’, data are output every
SCLK.
When Register 0x43 bit4 = ‘1’, the left pixel of
interleaved red data are output with PCLKA.
PLL (Phase Lock Loop) Interface
IHSREF
OUT (CMOS) 123
Input Hsync Reference, buffered and polarity adjusted,
usually for input PLL to regenerate input pixel clock.
Always positive polarity.
When no input HSYNC is present, virtual IHSREF
can be generated by programming registers 41h & 42h
OHSREF
OUT (CMOS) 124
Output Hsync Reference, for output PLL to generate
output pixel clock.
Always positive polarity.
OHSREF is either equivalent to IHSREF or the
equally divided IHSREF. Refer to registers 03h,
10h~13h.
OHSFB
OUT (CMOS) 125
Output PLL Feedback; works with OHSREF to
generate output pixel clock
OCLK
IN (CMOSd)
126
Output Clock, connected to OPLLCLK when internal
PLL is used; connected to external PLL clock output
when external PLL is used
OPLLCLK
OUT (CMOS) 127
Recovered Output Clock generated by the internal PLL
VCOIN
IN
129
PLL External VCO Filter Circuit Input
OSD ROM Interface
ROMDATA
<7:0>
IN (CMOSd)
132-135, 137-
140
OSD ROM Data
ROMADDR
<15:0>
OUT (CMOS) 160-157, 155-
152, 150-147,
145-142
OSD ROM Address
Power, Ground, Reset
RESETB
IN (CMOS)
122
Reset, active low
PLLVCC
POWER
128
VCC of Internal PLL, 3.3V
PLLGND
GROUND
130
GND of Internal PLL
VCC
POWER
19, 37, 51, 61, Digital VCC, 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com