Electronic Components Datasheet Search
  English  ▼

X  

AL300 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # AL300
Description  LCD Monitor Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AL300 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button AL300 Datasheet HTML 8Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 9Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 10Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 11Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 12Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 13Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 14Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 15Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 64 page
background image
AL300
November 28, 2001
12
6.0 Functional Description
The AL300 provides a simple way of connecting video or graphic sources to a flat panel display such
as a LCD. A LCD panel normally supports only one fixed resolution of digital non-interlaced data
format; therefore, it can not be connected directly to a video source due to the difference in format.
Additionally, VGA or TV video usually are in analog format and can be of many different resolutions
and refresh rates. The AL300 is designed to change the various video/graphics formats into a fixed
data format to be accepted by a specific LCD panel.
The input video format can be 24-bit digital RGB or 16-bit digital YUV. Different video sources can
be connected to an AL300 via certain digitization devices. For example, analog NTSC/PAL/SECAM
can be connected to the AL300 via a digital video decoder.
Analog VGA RGB signal can be
connected to the AL300 after a high-speed three-channel analog-to-digital converter (ADC), such as
the AL875. Alternatively, digital PC graphics can also be applied to the AL300 through a Panel Link
or LVDS (low voltage differential signal) receiver.
The scan rate and resolution of the incoming video are recognized by the scan mode detection circuits.
The detected mode information stored in the AL300 registers is read through the I
2C bus by the
firmware. The firmware then will decide how to program the chip such that the input video can be
scaled up to fit into the full screen size of the display. To achieve this, the linear zoom engine needs to
be programmed to properly scale the input video to the desired output resolution.
Also, the
frequency of the display clock generated from the internal PLL needs to be programmed to the correct
level.
After the digital data is scaled, optional dithering is performed to retain color resolution for LCD
panels that support only 12-bit or 18-bit color resolutions.
The processed data is overlaid with
internal on-screen-display (OSD) for display status or control menu.
6.1 Input Data Format
The AL300 accepts three input data formats: 24-bit RGB, 16-bit CCIR601 422 and 24-bit CCIR601
444 data. The clock and sync signal pins are separate for RGB or YUV while the YUV data share the
same pins as the RGB data. The input video format is defined by the YUVIN pin. Diagram AL300-
06 Input Data Format shows how to connect the AL300 for each format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com