Electronic Components Datasheet Search
  English  ▼

X  

AL300 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # AL300
Description  LCD Monitor Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AL300 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button AL300 Datasheet HTML 16Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 17Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 18Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 19Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 20Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 21Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 22Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 23Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 64 page
background image
AL300
November 28, 2001
20
6.8 Zoom Engine
The AL300 has two independent horizontal and vertical scale engines performing proprietary scaling
operations. The range of linear scaling can be from 1 up to 8 times.
The horizontal interpolation coefficient is generated by the 11-bit HRATIO (Reg. #14h and #15h),
which defines the scaling ratio with the 3 MSB as the integer part and the 8 LSB as the mantissa part.
The HRATIO is derived from the size of the displayed input video and the actual scaled display size.
The related registers include CAPHSTART (Reg. #20h and #21h), CAPHEND (Reg. #22h),
DSPHDESTART (Reg. #33h), and DSPHDEEND (Reg. #34h). The initial value for the interpolation
coefficient generator is defined by HINITPHASE (Reg. #18h).
The vertical interpolation coefficient generator, the 15-bit VRATIO (Reg. #16h and #17h) defines the
scaling ratio with the 3 MSB being the integer part and the 12 LSB being the mantissa part. The
VRATIO is derived from the size of the displayed input video and the actual scaled display size. The
registers involved include CAPVSTART (Reg. #24h and #25h), CAPVEND (Reg. #26h and #27h),
DSPVDESTART (Reg. #37h and #38h), and DSPVDEEND (Reg. #39h and #3Ah). The initial value
for the interpolation coefficient generator is defined by VINITPHASE (Reg. #1Ah). All of these
registers can be used to achieve optimum sharpness and smoothness results for different scaling ratios.
6.9 Operating Modes
The AL300 operates in three different modes: non-interlaced zoom mode, de-interlaced zoom mode,
and bypass mode
6.9.1 Non-interlaced Zoom Mode
Non-interlaced zoom mode is for synchronizing the output display with the non-interlaced input video
with a zooming ratio of larger than or equal to one. The output video can have the same or higher
resolution than the input video. First of all, the output timing parameters are decided depending on
the size of the display device. Secondly, the firmware determines what area of picture needs to be
displayed with the help of internal scan rate and position detection circuits.
The input timing
parameters are set accordingly. The next step is to set the parameters of the scaling engine by the
ratio between the output video and input video. Details about programming the related registers can
be found in the Register Definition section.
6.9.2 De-interlaced Zoom Mode
De-interlaced zoom mode is different from Non-interlaced zoom mode in that the input video is
interlaced and needs to be de-interlaced. Some parameters need to be treated differently for different
operations required in odd and even fields in interlaced modes compared to non-interlaced modes.
Details about programming the related registers can be found in the Register Definition section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com