Electronic Components Datasheet Search
  English  ▼

X  

AL300 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # AL300
Description  LCD Monitor Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AL300 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button AL300 Datasheet HTML 14Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 15Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 16Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 17Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 18Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 19Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 20Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 21Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 64 page
background image
AL300
November 28, 2001
18
6.6 Output/Display Timing
The output display resolution, sync signal duty cycles, and active display position are fully
programmable. They are defined by registers DSPHTOTAL (Reg. #30h and #31h), DSPHSEND
(Reg. #32h), DSPHDESTART (Reg. #33h), DSPHDEEND (Reg. #34h), DSPVDESTART (Reg.
#37h and #38h), and DSPVDEEND (Reg. #39h and #3Ah). The following diagram shows the output
active window timing and the related registers.
Display
HDE
Display
HSYNC
Horizontal
Display Start
(Reg #33h, 34h)
Horizontal Display Size
DISPLAY
ACTIVE
REGION
Horizontal Total
(Reg #30h, 31h)
H-SYNC End
(Reg #32h x 8)
AL300-08 Output video timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com