Electronic Components Datasheet Search
  English  ▼

X  

AL300 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # AL300
Description  LCD Monitor Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AL300 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button AL300 Datasheet HTML 9Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 10Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 11Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 12Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 13Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 14Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 15Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 16Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 64 page
background image
AL300
November 28, 2001
13
YUV input data is selected when the YUVIN pin is high. This hardware pin can be disabled by
“SoftConfig” (in register #03h, GENERAL). When the bit is set to one, the input video format is
controlled by “VideoIn” (in register #02h, BOARDCONFIG). RGB input data is selected when the
YUVIN pin is low.
6.2 Scan Mode Detection
The resolution of the analog input is determined by two hardware registers, LINERATE (Reg. #61h
and #62h) and INVTOTAL (Reg. #63h and #64h), which store the detected input line rate and the
AL300 Data (RGB 444)
24-bit Interface
AL300
Digital RGB 444 Input
Rout
Gout
Bout
R/Y[7:0]
G/UV[7:0]
B[7:0]
8
8
8
YUVIN
0
AL300 Data (CCIR601 444)
24-bit Interface
AL300
Digital YUV 444 Input
Y
R/Y[7:0]
G/UV[7:0]
B[7:0]
8
YUVIN
1
V
8
8
U
AL300 Data (CCIR601 422)
16-bit Interface
AL300
Digtial YUV 422 Input
Y
UV
R/Y[7:0]
G/UV[7:0]
B[7:0]
8
8
YUVIN
1
AL300-06 Input Data Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com