Electronic Components Datasheet Search
  English  ▼

X  

AL300 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AL300
Description  LCD Monitor Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AL300 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AL300 Datasheet HTML 3Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 4Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 5Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 6Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 7Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 8Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 9Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 10Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 64 page
background image
AL300
November 28, 2001
7
5.0 Pin Definition and Description
Following is the pin definition of the AL300:
Pin Name
Type
Pin #
Note
Video Interface
TVCLK
IN (CMOSd)
1
Video Clock from Video Source
TVHREF
IN (CMOSd)
2
Video Horizontal Active Data Reference
This signal is used to indicate valid data of the YUV
input.
TVVS
IN (CMOSs)
3
Video Vertical Sync Signal
TVHS
IN (CMOSs)
4
Video Horizontal Sync Signal
Graphic Interface
GVS
IN (CMOSs)
6
Graphic Vertical Sync Signal
GHS
IN (CMOSs)
7
Graphic Horizontal Sync Signal
GHREF
IN (CMOS)
8
Graphic Horizontal Active Data Reference
GCLK
IN (CMOSd)
9
Graphic Input Clock
R/YIN<7:0>
IN (CMOS)
11-18
Red Input When in RGB Mode
Y Input When in CCIR601 422 and 444 Modes
G/UVIN<7:0>
IN (CMOS)
20-27
Green Input When in RGB Mode
CbCr Input When in CCIR601 422 Mode
Cb Input When in CCIR601 444 Mode
Refer to register #1Bh for details.
BIN<7:0>
IN (CMOS)
29-36
Blue Input When in RGB Mode
Cr Input When in CCIR601 444 Mode
Refer to register #1Bh for details.
Host Interface
HOSTCLK
OUT (CMOS) 38
Buffered Output of the Clock Input for Host Interface
such as a Micro-controller
XOUT
OUT (CMOS) 39
Crystal Output
XIN
IN (CMOS)
40
Crystal Input; the frequency provided is for I
2C
sampling and for output reference timing when input
sync signals are missing or undetectable. Usually in
the range of 10~50MHz. Refer to section 6.7 Internal
Timing Generator for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com