Electronic Components Datasheet Search
  English  ▼

X  

AL300 Datasheet(PDF) 43 Page - List of Unclassifed Manufacturers

Part # AL300
Description  LCD Monitor Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AL300 Datasheet(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button AL300 Datasheet HTML 39Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 40Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 41Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 42Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 43Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 44Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 45Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 46Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 47Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 64 page
background image
AL300
November 28, 2001
43
Please refer to section 6.5 Input Video Timing for additional reference. The input timing diagram (AL300-
07) shows it pictorially.
20h:
Horizontal Capture Start Low (R/W) [CAPHSTART]
CapHStartL
<7:0> Bits<7:0> of horizontal capture start position (Unit: 1 pixel)
21h:
Horizontal Capture Start High (R/W) [CAPHSTART]
CapHStartH
<2:0> Bits <10:8> of horizontal capture start position
22h:
Horizontal Capture Size (R/W) [CAPHSIZE]
CapHSize
<7:0> Horizontal capture size (Unit: 8 pixels)
23h:
Testing (R/W) [RESETTEST]
Reserved
<7:0> Reserved
24h:
Vertical Capture Start Low (R/W) [CAPVSTART]
CapVStartH
<7:0> Bits <7:0> of vertical capture start position (Unit: 1 line)
25h:
Vertical Capture Start High (R/W) [CAPVSTART]
CapVStartL
<2:0> Bits <10:8> of vertical capture start position
26h:
Vertical Capture End Low (R/W) [CAPVEND]
CapVEndL
<7:0> Bits <7:0> of vertical capture end position (Unit: 1 line)
27h:
Vertical Capture End High (R/W) [CAPVEND]
CapVEndH
<2:0> Bits <10:8> of vertical capture end position
Registers #28h and #29h are used to control the delay of vertical lines between the output and the input.
The counterpart for horizontal delay is controlled by the registers #3Bh and #3Ch.
28h:
Vertical display Frame Start Position Low (R/W) [FRAMEVSTART]
FrameVStartL <7:0> Bits <7:0> of display vertical counter start position relative to input vertical
counter. (Unit: 1 line)
29h:
Vertical display Frame Start Position High (R/W) [FRAMEVSTART]
FrameVStartH <2:0> Bits <10:8> of display vertical counter start position relative to input vertical
counter.
Output timing:
Please refer to section 6.6 Output Video Timing for additional reference. The output timing diagram
(AL300-08) shows it pictorially.
30h:
Horizontal Total Low (R/W) [DSPHTOTAL]
DspHTotalL
<7:0> Bits <7:0> of display horizontal total. (Unit: 1 pixel)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com