Electronic Components Datasheet Search
  English  ▼

X  

AL300 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # AL300
Description  LCD Monitor Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AL300 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button AL300 Datasheet HTML 4Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 5Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 6Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 7Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 8Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 9Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 10Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 11Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
AL300
November 28, 2001
8
IREQ
OUT (CMOS) 41
Interrupt Request, active high
SCL
IN (CMOSs)
42
I2C Serial Clock Input
SDA
INOUT
(COMSsu)
43
I2C Serial Data Input/Output
GOUT1
OUT (CMOS) 81
General Purpose Output
Connected to Register 0x1B bit 2
GOUT2
OUT (CMOS) 82
General Purpose Output
Connected to Register 0x1B bit 3
GOUT3
OUT (CMOS) 83
General Purpose Output
Connected to Register 0x1B bit 1
Configuration
PWRDN
IN (CMOSd)
46
Power Down
0, Normal Operation
1, Power Down
I2CADDR
IN (CMOSd)
47
I2C Bus Slave Address Select
0, write address = 70, read address = 71
1, write address = 72, read address = 73
YUVIN
IN (CMOSd)
48
YUV Input
0, RGB Format Video Input
1, CCIR YUV Format Video Input
Refer to RIN, GIN, BIN pins
Test1
IN (CMOSd)
49
Test Pin
Test2
IN (CMOSd)
50
Test Pin
Panel/Display Interface
RB<7:0>
OUT (CMOS) 52-55, 57-60
Right Pixel of Interleaved Red Output in Dual Pixel
Mode
Valid when Register 0x43 bit4 = ‘1’.
Data are output with PCLKB.
For AL300 ver. A, the B data lag A data by 90
° (half
SCLK).
For AL300 ver. B, A and B data are aligned.
GB<7:0>
OUT (CMOS) 62-65, 67-70
Right Pixel of Interleaved Green Output in Dual Pixel
Mode
Valid when Register 0x43 bit4 = ‘1’.
Data are output with PCLKB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com