Electronic Components Datasheet Search
  English  ▼

X  

AL300 Datasheet(PDF) 56 Page - List of Unclassifed Manufacturers

Part # AL300
Description  LCD Monitor Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AL300 Datasheet(HTML) 56 Page - List of Unclassifed Manufacturers

Back Button AL300 Datasheet HTML 52Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 53Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 54Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 55Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 56Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 57Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 58Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 59Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 60Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 64 page
background image
AL300
November 28, 2001
56
0010
font address is multiple of 2
7 bytes
0011
font address is multiple of 2
8 bytes
0100
font address is multiple of 2
9 bytes
0101
font address is multiple of 2
10 bytes
0110
font address is multiple of 2
11 bytes
0111
font address is multiple of 2
12 bytes
1000
font address is multiple of 2
13 bytes
1001
font address is multiple of 2
14 bytes
1010
font address is multiple of 2
15 bytes
1011
font address is multiple of 2
16 bytes
RomStAddr2L <3:0> Bits<3:0> OSD2 ROM start address (Unit: 16 bytes)
Font address = (Character Code) * (Font Address Unit) + (OSD2 ROM Start Address)
‘Character Code’ is the data retrieved from internal OSD RAM.
‘Font Address Unit’ is defined by register #8Ah.
‘OSD2 ROM Start Address’ is defined by register #89h and #8Ah.
A0h:
OSD2 Horizontal Start (R/W) [OSDHSTART2]
OsdHStart2
<7:0> On Screen Display horizontal start position (Unit: 8 video pixels)
Relative to display HSYNC start
Please refer to OSD screen timing diagram (AL300-15) for additional reference.
A1h:
OSD2 Vertical Start (R/W) [OSDVSTART2]
OsdVStart2
<7:0> On Screen Display vertical start position (Unit: 8 video lines)
Relative to display VSYNC start
Please refer to OSD screen timing diagram (AL300-15) for additional reference.
A2h:
OSD2 RAM Start Address (R/W) [RAMADDRST2]
RamAddrSt2
<7:0> OSD2 RAM start address (Unit: 4 or 8 bytes)
OSD2 RAM Start Address =
1. Register A2h<7:0> * 4, if register 88h<6> = 0
2. Register A2h<7:0> * 8, if register 88h<6> = 1
AL300 has built in 1K Byte RAM
In RAM mode (register 80h<0> = 0):
RAM start address defines the start address of stored internal OSD RAM bitmap.
In ROM mode (register 80h<0> = 1):
RAM start address defines the start address of OSD ROM font character codes
retrieved from internal OSD RAM.
font address = (Character Code) * (Font Address Unit) + (OSD2 ROM Start Address)
Where
‘Character Code’ is the data retrieved from internal OSD RAM.
‘Font Address Unit’ is defined by register #8Ah.
‘OSD2 ROM Start Address’ is defined by register #89h.
A3h:
OSD2 RAM Horizontal Stride Low (R/W) [RAMSTRIDE2]
RamStride2L
<7:0> Bits<7:0> of OSD2 RAM line stride (Unit: 1 bytes)
In RAM mode (register 80h<0> = 0):



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com