Electronic Components Datasheet Search
  English  ▼

X  

AL300 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # AL300
Description  LCD Monitor Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AL300 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button AL300 Datasheet HTML 12Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 13Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 14Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 15Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 16Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 17Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 18Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 19Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 64 page
background image
AL300
November 28, 2001
16
The AL300’s internal PLL has better performance at high frequency than low frequency when the
output rate is within 110MHz.
To take advantage of this property, there are four “divide-by-2”
dividers for optimal operation. The FEB1 and FEB2 work as frequency multipliers; the PRE and
OUT work as frequency dividers.
To turn on or off these dividers, control register #11h. The
recommended values for the register setting at different input modes are as follows:
Ref freq.
(KHz)
Fout
(MHz)
Divider
value
FEB2 FEB1 OUT PRE
DIVIDER
Reg. 11h
(Hex)
Reg. 10h
(Hex)
31.5
25.2
800
1
0
1
0
011,00011110
A3
1E
37.5
31.5
840
1
0
1
0
011,01000110
A3
46
37.88
40
1056
1
1
1
0
010,00001110
E2
0E
46.75
49.368
1056
1
1
1
0
010,00001110
E2
0E
48.0
64.8
1350
0
1
0
0
010,10100001
42
A1
56.5
74.92
1326
0
1
0
0
010,10010101
42
95
60.0
78.72
1312
0
1
0
0
010,10001110
42
8E
64
85.5
1336
0
1
0
0
010,10011010
42
9A
64
107.52
1680
0
1
0
0
011,01000110
43
46
The output pixel clock can be either from the internal PLL locked to the ref_in clock, or from the
external clock pin, OCLK.
The ref_in reference clock is the GHS, TVHS, or the pseudo-reference
clock generated by the PLLREFDIV.
The frequency of the reference clock ref_in is between 10 KHz and 1 MHz. The output frequency is
adjustable and the maximum frequency is up to 110 MHz. Details about the PLL related registers can
be found in the Register Definition section.
OPLLCLK
CLOCK
OUTPUT
10
FEB2
FEB1
DIVIDER
OUT
BUFFER
REF IN
(GHS, TVHS, or the
ref. generated by M )
PRE
PHASE
DETECTOR
CHARGE
PUMP
VCO
/2
/2
/N
DIVIDER
/2
/2
VCOIN
( LOOP FILTER )
AL300-29 Internal PLL Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com