Electronic Components Datasheet Search
  English  ▼

X  

AL300 Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # AL300
Description  LCD Monitor Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AL300 Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button AL300 Datasheet HTML 45Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 46Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 47Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 48Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 49Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 50Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 51Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 52Page - List of Unclassifed Manufacturers AL300 Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 64 page
background image
AL300
November 28, 2001
49
When LinePosDetect is 1, the horizontal line used to detect horizontal active
start and end is defined in register 70h, and the vertical column used to
detect vertical active start and end is defined in register 79h.
Values of register #72h~#75h reflect the detected input active pixels start/end positions or the GHREF
signal star/end positions, depending on the status of register #82h<7:6>.
72h:
Horizontal Active Start Low (R only) [HDESTART]
HDEStartL
<7:0> Bits <7:0> of detected horizontal active start pixel position. (Unit: 1 pixel)
73h:
Horizontal Active Start High (R only) [HDESTART]
HDEStartH
<2:0> Bits <10:8> of detected horizontal active start pixel position.
74h:
Horizontal Active End Low (R only) [HDEEND]
HDEEndL
<7:0> Bits <7:0> of detected horizontal active end pixel position (Unit: 1 pixel)
75h:
Horizontal Active End High (R only) [HDEEND]
HDEEndH
<2:0> Bits <10:8> of detected horizontal active end pixel position.
79h:
Vertical Column for VDESTART & VDEEND detection (R/W) [VCOLUMN]
VColumn
<7:0> Vertical column number for vertical active start and end detection; refer to
register #71h for additional reference. (Unit: 8 pixels)
7Ah:
Vertical Active Start Low (R only) [VDESTART]
VDEStartL
<7:0> Bits <7:0> of detected vertical active start line (Unit: 1 line)
7Bh:
Vertical Active Start High (R only) [VDESTART]
VDEStartH
<2:0> Bits <10:8> of detected vertical active start line
7Ch:
Vertical Active End Low (R only) [VDEEND]
VDEEndL
<7:0> Bits <7:0> of detected vertical active end line (Unit: 1 line)
7Dh:
Vertical Active End High (R only) [VDEEND]
VDEEndH
<2:0> Bits <10:8> of detected vertical active end line
OSD Control:
80h:
OSD Modes (R/W) [OSDMODE]
RomMode
<0>
Enable ROM mode
0
Internal RAM mode
1
External ROM mode
This bit should be 0 when OSD1 and OSD2 are both disabled.
BypassHPos
<5>
0
The output horizontal start/end position is defined by register #33h &
#34h, which resolution is 8-pixel.
1
the output horizontal start/end position is defined by registers
#20h~22h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com