Electronic Components Datasheet Search
  English  ▼

X  

WM8233 Datasheet(PDF) 102 Page - Cirrus Logic

Part # WM8233
Description  210MSPS 6-Channel AFE with Sensor
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8233 Datasheet(HTML) 102 Page - Cirrus Logic

Back Button WM8233 Datasheet HTML 98Page - Cirrus Logic WM8233 Datasheet HTML 99Page - Cirrus Logic WM8233 Datasheet HTML 100Page - Cirrus Logic WM8233 Datasheet HTML 101Page - Cirrus Logic WM8233 Datasheet HTML 102Page - Cirrus Logic WM8233 Datasheet HTML 103Page - Cirrus Logic WM8233 Datasheet HTML 104Page - Cirrus Logic WM8233 Datasheet HTML 105Page - Cirrus Logic WM8233 Datasheet HTML 106Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 146 page
background image
WM8233
102
Rev 4.7
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
01 = 1nsec
10 = 2nsec
11 = 3nsec
Register B0h TG config 17
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R177 (B1h)
TG config 18
7:6
DEL_PCK9[1:0]
00
control delay of pulse output assigned to CLK9
00 = 0nsec
01 = 1nsec
10 = 2nsec
11 = 3nsec
5:4
DEL_PCK8[1:0]
00
control delay of pulse output assigned to CLK8
00 = 0nsec
01 = 1nsec
10 = 2nsec
11 = 3nsec
3:2
DEL_PCK7[1:0]
00
control delay of pulse output assigned to CLK7
00 = 0nsec
01 = 1nsec
10 = 2nsec
11 = 3nsec
1:0
DEL_PCK6[1:0]
00
control delay of pulse output assigned to CLK6
00 = 0nsec
01 = 1nsec
10 = 2nsec
11 = 3nsec
Register B1h TG config 18
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R178 (B2h)
TG config 19
3:2
DEL_PCK11
[1:0]
00
control delay of pulse output assigned to CLK11
00 = 0nsec
01 = 1nsec
10 = 2nsec
11 = 3nsec
1:0
DEL_PCK10[
1:0]
00
control delay of pulse output assigned to CLK10
00 = 0nsec
01 = 1nsec
10 = 2nsec
11 = 3nsec
Register B2h TG config 19
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R179 (B3h)
TG config 20
4
INV_M3
0
invert mask pulse "M3"
0 = non-inverted
1 = inverted
3
INV_M2
0
invert mask pulse "M2"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com