Electronic Components Datasheet Search
  English  ▼

X  

WM8233 Datasheet(PDF) 105 Page - Cirrus Logic

Part # WM8233
Description  210MSPS 6-Channel AFE with Sensor
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8233 Datasheet(HTML) 105 Page - Cirrus Logic

Back Button WM8233 Datasheet HTML 101Page - Cirrus Logic WM8233 Datasheet HTML 102Page - Cirrus Logic WM8233 Datasheet HTML 103Page - Cirrus Logic WM8233 Datasheet HTML 104Page - Cirrus Logic WM8233 Datasheet HTML 105Page - Cirrus Logic WM8233 Datasheet HTML 106Page - Cirrus Logic WM8233 Datasheet HTML 107Page - Cirrus Logic WM8233 Datasheet HTML 108Page - Cirrus Logic WM8233 Datasheet HTML 109Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 146 page
background image
WM8233
Rev 4.7
105
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R188 (BCh)
clamp enable
fall MSB
6:0
CLAMP_FALL
[14:8]
000_0000
MSBs of CLAMP_FALL
clamp enable pulse fall pixel
Register BCh clamp enable fall MSB
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R189 (BDh)
OB start LSB
7:0
OB_START
[7:0]
0000_0000
LSBs of OB_START
optical black calibration start pixel count
Register BDh OB start LSB
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R190 (BEh)
OB start MSB
6:0
OB_START
[14:8]
000_0000
MSBs of OB_START
optical black calibration start pixel count
Register BEh OB start MSB
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R191 (BFh)
peak_det
rise LSB
7:0
PEAKDET_RIS
E
[7:0]
0000_0000
LSBs of PEAKDET_RISE[14:0]
peak detection start pixel count
Register BFh peak_det rise LSB
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R192 (C0h)
peak_det
rise MSB
6:0
PEAKDET_RIS
E
[14:8]
000_0000
MSBs of PEAKDET_RISE[14:0]
peak detection start pixel count
Register C0h peak_det rise MSB
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R193 (C1h)
peak_det
fall LSB
7:0
PEAKDET_FAL
L
[7:0]
0000_0000
LSBs of PEAKDET_FALL[14:0]
peak detection end pixel count
Register C1h peak_det fall LSB
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R194 (C2h)
peak_det
fall MSB
6:0
PEAKDET_FAL
L
[14:8]
000_0000
MSBs of PEAKDET_FALL[14:0]
peak detection end pixel count
Register C2h peak_det fall MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com