| Electronic Components Datasheet Search |
|
IR3092 Datasheet(PDF) 23 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IR3092 Datasheet(HTML) 23 Page - International Rectifier |
|
23 / 37 page ![]() IR3092 Page 23 of 37 06/25/04 Measure the inductance L and the inductor DC resistance RL. Pre-select the capacitor CCS and calculate RCS as follows. CS L CS C R L R (11) The bias current flowing out of the non-inverting input of the current sense amplifier creates a voltage drop across RCS, which is equivalent to an input offset voltage of the current sense amplifier. The offset affects the accuracy of converter current signal ISHARE as well as the accuracy of the converter output voltage if adaptive voltage positioning is adopted. To reduce the offset voltage, a resistor RCSO should be added between the amplifier inverting input and the converter output, as shown in Fig1. The resistor RCSO is determined by the ratio of the bias current from the non-inverting input and the bias current from the inverting input. CS CSIN CSIN CSO R I I R (12) If RCSO is not used, RCS should be chosen so that the offset voltage is small enough. Usually RCS should be less than 2 k DQG WKHUHIRUH D ODUJHU &CS value is needed. Inductor DCR Temperature Correction If the Current Sense Amplifier temperature dependent gain is not adequate to compensate the inductor DCR TC, a negative temperature coefficient (NTC) thermistor can be added. The thermistor should be placed close to the inductor and connected in parallel with the feedback resistor, as shown in Figure 10. The resistor in series with the thermistor is used to reduce the nonlinearity of the thermistor. Figure 10- Temperature compensation of inductor DCR Remote Voltage Sensing To compensate for impedance in the ground plane, the VOSNS- pin is used for remote sensing and connects directly to the load. The VDAC voltage is referenced to VOSNS- to avoid additional error terms or delay related to a separate differential amplifier. The capacitor connecting the VDAC and VOSNS- pins ensure that high speed transients are fed directly into the Error Amplifier without delay. Master-Slave Current Share Loop Current sharing between phases of the converter is achieved by a Master-Slave current share loop topology. The output of the Phase 1 Current Sense Amplifier sets the reference for the Share Adjust Error Amplifier. The Share Adjust Error Amplifier will then adjust the duty cycle of PWM Ramp2 to force its input error to zero, resulting in accurate current sharing. VDRP BUFFER IROSC ERROR AMPLIFIER VDAC RFB RDRP VDAC EAOUT VDRP VOSNS- FB VOUT SENSE+ Current + VDAC RLINEAR RNTC |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |