Electronic Components Datasheet Search
  English  ▼

X  

IR3092 Datasheet(PDF) 6 Page - International Rectifier

Part # IR3092
Description  2 PHASE OPTERON, ATHLON, OR VR10.X CONTROL IC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3092 Datasheet(HTML) 6 Page - International Rectifier

Back Button IR3092 Datasheet HTML 2Page - International Rectifier IR3092 Datasheet HTML 3Page - International Rectifier IR3092 Datasheet HTML 4Page - International Rectifier IR3092 Datasheet HTML 5Page - International Rectifier IR3092 Datasheet HTML 6Page - International Rectifier IR3092 Datasheet HTML 7Page - International Rectifier IR3092 Datasheet HTML 8Page - International Rectifier IR3092 Datasheet HTML 9Page - International Rectifier IR3092 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
IR3092
Page 6 of 37
06/25/04
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
Gate Drivers
GATEH Rise Time
VCCHX = 12V, Measure 2V to 9V
transition time, Note 1
11
40
ns
GATEH Fall Time
VCCHX = 12V, Measure 9V to 2V
transition time, Note 1
11
40
ns
GATEL Rise Time
VCCL = 12V, Measure 2V to 9V transition
time, Note 1
20
65
ns
GATEL Fall Time
VCCL = 12V, Measure 9V to 2V transition
time, Note 1
20
65
ns
High Voltage (AC)
Measure VCCL – GATELX or VCCHX –
GATEHX, Note 1
0
0.5V
V
Low Voltage (AC)
Measure GATELX or GATEHX, Note 1
0
0.5V
V
GATEL low to GATEH high
delay
VCCHX = VCCL = 12V, Measure the time
from GATELX falling to 2V to GATEHX
rising to 2V, Note 1
20
35
60
ns
GATEH low to GATEL high
delay
VCCHX = VCCL = 12V, Measure the time
from GATEHX falling to 2V to GATELX
rising to 2V, Note 1
20
35
60
ns
Disable Pull-Down Current
GATHX or GATELX=2V with VCC = 0V.
Measure Gate pull-down current
20
35
50
PA
PWM Comparator
Propagation Delay
VCCHX = VCCL = 12V, Measure the time
from EAOUT fall crossing VDAC to
GATEHX falling to 11V. (Note 1)
100
150
ns
Common Mode Input Range
4
V
Internal Ramp Start Voltage
0.45
0.7
0.9
V
Internal Ramp Amplitude
40
57
75
mV /
%DTC
Current Sense Amplifier
CSINP1&2 Bias Current
-0.5
-0.2
0.1
PA
CSINM Bias Current
-1
-0.4
0.2
PA
Input Current Offset Ratio
CSINM/CSINPX
0.7
1.7
2.6
PA/PA
Average Input Offset Voltage
(VDRP-VDAC)/GAIN withCSINX=0, Note1.
-4
0
4
mV
Offset Voltage Mismatch
Monitor I(SCOMP)
-8
0
8
mV
Gain at TJ = 25
oC
22.0
23.5
25.0
V/V
Gain at TJ = 125
oC
18.5
20.0
24.0
V/V
Gain Mismatch
-0.3
0
0.3
V/V
Differential Input Range
-25
75
mV
Common Mode Input Range
0
2.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com