Electronic Components Datasheet Search
  English  ▼

X  

IR3092 Datasheet(PDF) 20 Page - International Rectifier

Part # IR3092
Description  2 PHASE OPTERON, ATHLON, OR VR10.X CONTROL IC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3092 Datasheet(HTML) 20 Page - International Rectifier

Back Button IR3092 Datasheet HTML 16Page - International Rectifier IR3092 Datasheet HTML 17Page - International Rectifier IR3092 Datasheet HTML 18Page - International Rectifier IR3092 Datasheet HTML 19Page - International Rectifier IR3092 Datasheet HTML 20Page - International Rectifier IR3092 Datasheet HTML 21Page - International Rectifier IR3092 Datasheet HTML 22Page - International Rectifier IR3092 Datasheet HTML 23Page - International Rectifier IR3092 Datasheet HTML 24Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
IR3092
Page 20 of 37
06/25/04
Soft-start delay time
tSSDEL is the time to charge SS/DEL up to 1.3V. After this the error amplifier output is released to
allow the soft start. The soft start time
tSS represents the time during which converter voltage rises from zero to VO. tSS
can be programmed by CSS using equation (4).
O
SS
O
SS
CHG
SS
V
t
V
t
I
C
*
10
*
55
*
6
(4)
Once CSS is chosen, the soft start delay time
tSSDEL, the over-current fault latch delay time tOCDEL, and the delay time
tVccPG from output voltage (VO) in regulation to Power Good are fixed and shown in equation (5), (6) and (7) respectively.
6
10
*
55
3
.
1
*
*
'
SS
CHG
SS
SSDEL
C
I
V
C
t
(5)
6
10
*
5
.
50
25
.
0
*
*
'
SS
DISCHG
SS
OCDEL
C
I
V
C
t
(6)
6
10
*
55
)
3
.
1
75
.
3
(
*
*


'
O
SS
CHG
SS
VccPG
V
C
I
V
C
t
(7)
Over Current Protection (OCP)
The current limit threshold is set by a resistor connected between the OCSET and VDAC pins. If the average Current
Sense Amplifier output plus VDAC voltage exceeds the OCSET voltage, the over-current protection is triggered.
A delay is included if an over-current condition occurs after a successful soft-start sequence. This is required since over-
current conditions can occur as part of normal operation due to load transients or VID transitions. If an over-current fault
occurs during normal operation, the Over Current Comparator will initiate the discharge of the capacitor at SS/DEL but
will not set the fault latch immediately. If the over-current condition persists long enough for the SS/DEL capacitor to
discharge below the 250mV offset of the delay comparator, the Fault latch will be set pulling the Error Amplifier’s output
low inhibiting switching in the phase ICs and de-asserting the PWRGD signal. See Soft Start, Over-Current Fault Delay,
and Hiccup Mode.
The inductor DC resistance RL is utilized to sense the inductor current. ILIMIT is the required over current limit. IOCSET, the
bias current of OCSET pin, is set by RROSC and is also determined by the curve in the Typical Operating Characteristics.
ROCSET is defined in the following Equation (8).
OCSET
L
LIMIT
OCSET
I
R
fsw
Vin
L
Vo
Vin
Vo
I
R
/
5
.
23
)
*
2
)
(
2
(


(8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com