Electronic Components Datasheet Search
  English  ▼

X  

IR3092 Datasheet(PDF) 16 Page - International Rectifier

Part # IR3092
Description  2 PHASE OPTERON, ATHLON, OR VR10.X CONTROL IC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3092 Datasheet(HTML) 16 Page - International Rectifier

Back Button IR3092 Datasheet HTML 12Page - International Rectifier IR3092 Datasheet HTML 13Page - International Rectifier IR3092 Datasheet HTML 14Page - International Rectifier IR3092 Datasheet HTML 15Page - International Rectifier IR3092 Datasheet HTML 16Page - International Rectifier IR3092 Datasheet HTML 17Page - International Rectifier IR3092 Datasheet HTML 18Page - International Rectifier IR3092 Datasheet HTML 19Page - International Rectifier IR3092 Datasheet HTML 20Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
IR3092
Page 16 of 37
06/25/04
"FAST" VDAC
TO FAULT
2.6V FLOAT VOLTAGE
60K
SHOWN DEFAULT
TO VR10 WITH
VID_SEL GROUNDED
+
-
IROSC
DAC BUFFER
4.9V
110K
-
+
18uA
1.2V
1.5V
3.4V
0.6V
VID0
VID1
VID2
VID3
VID4
VID_SEL
VID5
VDAC
VOSNS-
H=ATHLON
"SLOW" VDAC
DAC DEFAULTS
TO VR10 WITH
VID_SEL GROUNDED
5V
3.3V
VID INPUT
COMPARATORS
(1 OF 6 SHOWN)
H=HAMMER
VID=11111X FAULT
BLANKING, 3.3us
DIGITAL TO ANALOG
CONVERTER
Figure 7– VID Control Block Diagram
VID = 11111X Fault
VID codes of 111111 and 111110 will set the fault latch and disable the Error Amplifier.
Slew Rate Programming Capacitor CDAC and Resistor RDAC
VDAC sink current ISINK and source current ISOURCE are determined by RROSC, and their value can be found using the
curve in the Typical Operating Characteristics. The slew rate of VDAC down-slope SRDOWN can be programmed by the
external capacitor CDAC as defined in Equation (1) and shown in Figure 6. Resistor RDAC is used to compensate VDAC
circuit and is determined by Equation (2). The slew rate of VDAC up-slope SRUP is proportional to the down-slope slew
rate SRDOWN and is given by Equation (3).
DOWN
SINK
DAC
SR
I
C
(1)
2
15
10
2
.
3
5
.
0
DAC
DAC
C
R

(2)
DAC
SOURCE
UP
C
I
SR
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com