Electronic Components Datasheet Search
  English  ▼

X  

IR3092 Datasheet(PDF) 28 Page - International Rectifier

Part # IR3092
Description  2 PHASE OPTERON, ATHLON, OR VR10.X CONTROL IC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3092 Datasheet(HTML) 28 Page - International Rectifier

Back Button IR3092 Datasheet HTML 24Page - International Rectifier IR3092 Datasheet HTML 25Page - International Rectifier IR3092 Datasheet HTML 26Page - International Rectifier IR3092 Datasheet HTML 27Page - International Rectifier IR3092 Datasheet HTML 28Page - International Rectifier IR3092 Datasheet HTML 29Page - International Rectifier IR3092 Datasheet HTML 30Page - International Rectifier IR3092 Datasheet HTML 31Page - International Rectifier IR3092 Datasheet HTML 32Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
IR3092
Page 28 of 37
06/25/04
The soft start delay time is
mS
I
V
C
t
CHG
SS
SSDEL
3
.
2
10
*
55
3
.
1
*
10
*
1
.
0
*
6
6
'
The power good delay time is
mS
V
I
V
C
t
O
CHG
SS
VccPG
0
.
2
10
*
55
)
3
.
1
75
.
3
(
*
10
*
1
.
0
*
6
6


'
From IR3092 data sheet, the sink current ISINK of VDAC pin corresponding to ROSC=47.5k
Ÿ LV X$
Calculate the VDAC down-slope slew-rate programming capacitor from the required down-slope slew
rate.
nF
SR
I
C
DOWN
SINK
VDAC
20
10
/
10
5
.
2
10
50
6
3
6
Choose CVDAC=22nF
Calculate the programming resistor.


2
9
15
2
15
10
*
22
10
*
2
.
3
5
.
0
10
2
.
3
5
.
0
DAC
DAC
C
R
7.1
Ÿ
In practice slightly adjust RDAC to get desired slew rate.
The source current of VDAC pin is 55uA, and the VDAC up-slope slew rate is
uS
mV
C
I
SR
VDAC
SOURCE
UP
/
5
.
2
10
22
10
55
9
6
According to the spec, the output current limit set point ILIMIT = 100A. The bias current IOCSET set by
RROSC is around 26uA. Use Equation (10) to calculate the value of ROCSET:
6
3
3
6
10
*
26
5
.
23
*
10
*
1
*
)
10
*
180
*
12
*
10
*
45
.
0
*
2
)
325
.
1
12
(
*
325
.
1
2
100
(
/
5
.
23
)
*
2
)
(
2
(




OCSET
L
LIMIT
OCSET
I
R
fsw
Vin
L
Vo
Vin
Vo
I
R
= 52 k
Ÿ
&KRRVH 5OCSET=52.3KŸ
No Load Output Voltage Setting Resistor RFB and Adaptive Voltage Positioning Resistor RDRP
The value of the internal current source current IROSC (IFB in IR3092 datasheet curve) is 26uA according
to RROSC = 47.5k
Ÿ
VDAC Slew Rate Programming Capacitor CDAC and Resistor RDAC
Over Current Setting Resistor ROCSET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com