Electronic Components Datasheet Search
  English  ▼

X  

IR3092 Datasheet(PDF) 19 Page - International Rectifier

Part # IR3092
Description  2 PHASE OPTERON, ATHLON, OR VR10.X CONTROL IC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3092 Datasheet(HTML) 19 Page - International Rectifier

Back Button IR3092 Datasheet HTML 15Page - International Rectifier IR3092 Datasheet HTML 16Page - International Rectifier IR3092 Datasheet HTML 17Page - International Rectifier IR3092 Datasheet HTML 18Page - International Rectifier IR3092 Datasheet HTML 19Page - International Rectifier IR3092 Datasheet HTML 20Page - International Rectifier IR3092 Datasheet HTML 21Page - International Rectifier IR3092 Datasheet HTML 22Page - International Rectifier IR3092 Datasheet HTML 23Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
IR3092
Page 19 of 37
06/25/04
VCC and 5VUVL Under Voltage Lock Outs, a VID=11111x fault, or low Enable pin immediately set the fault latch causing
SS/DEL to begin discharging. The hiccup duration is controlled by a 5.5uA discharge current until the Discharge
Comparator Threshold of 0.26V is reached. If the fault has cleared, the fault latch will reset allowing a normal soft-start to
occur.
A delay is included if an over-current condition occurs after a successful soft start sequence. This is required since over-
current conditions can occur as part of normal operation due to load transients or VID transitions. If an over-current fault
occurs during normal operation, the Over Current Comparator will initiate the discharge of the capacitor at SS/DEL but
will not set the fault latch immediately. If the over-current condition persists long enough for the SS/DEL capacitor to
discharge below the 3.75V threshold of the delay comparator, the Fault latch will be set pulling the Error Amplifier’s output
low, inhibiting switching and de-asserting the PWRGD signal. An additional discharge current is introduced during an over
current condition. The 5.5uA discharge current results in a long delay duration where SS/DEL discharges from its 4V
peak to the 3.75V fault delay threshold. This potentially long over-current protection activation delay could result in
potential power stage damage therefore an additional 45uA discharge current source assists the 5.5uA discharge current
if an over current condition is occurring and the SS/DEL capacitor is above 3.75V. 30mV of hysteresis is included in the
Delay Comparator to prevent PWRGD chatter when SS/DEL is at the delay threshold.
The SS/DEL capacitor will continue to discharge until it reaches 0.26V where the fault latch is reset allowing a normal soft
start to occur. If an over-current condition is again encountered during the soft start cycle, the fault latch will be set
without any delay and hiccup mode will begin. During hiccup mode the 10 to 1 charge to discharge ratio results in a 9%
hiccup mode duty cycle regardless of at what point the over-current condition occurs.
The converter can be disabled if the SS/DEL pin is pulled below 0.9V.
Figure 8 – Operating Waveforms
VCC
START-UP
NORMAL OPERATION
HICCUP OVER-CURRENT
PROTECTION
RE-START
AFTER OCP
CLEARS
POWER-DOWN
7.6V
UVLO
(12V)
5VUVL
4.3V
SS/DEL
3.75V
PWRGD
VOUT
IOUT
(5VUVL GATES
FAULT MODE)
(VCC GATES
FAULT MODE)
1.3V
(VOUT CHANGES DUE TO
LOAD AND VID CHANGES)
OCP
DELAY
OCP THRESHOLD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com