Electronic Components Datasheet Search
  English  ▼

X  

IR3092 Datasheet(PDF) 11 Page - International Rectifier

Part # IR3092
Description  2 PHASE OPTERON, ATHLON, OR VR10.X CONTROL IC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3092 Datasheet(HTML) 11 Page - International Rectifier

Back Button IR3092 Datasheet HTML 7Page - International Rectifier IR3092 Datasheet HTML 8Page - International Rectifier IR3092 Datasheet HTML 9Page - International Rectifier IR3092 Datasheet HTML 10Page - International Rectifier IR3092 Datasheet HTML 11Page - International Rectifier IR3092 Datasheet HTML 12Page - International Rectifier IR3092 Datasheet HTML 13Page - International Rectifier IR3092 Datasheet HTML 14Page - International Rectifier IR3092 Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
IR3092
Page 11 of 37
06/25/04
CSINM
CLK1
CLK2
IROSC
U39
OSCBLOCK
10p
10p
RESET DOMINANT
ROSC
ROSC
VDRP BUFFER
RESET DOMINANT
-
+
BB DISABLE
80mV
0.55V
IROSC
-
+
PWM COMPARATOR
0 TO IROSC*3/4
+
-
Share Adjust Error Amp
IROSC
ERROR AMPLIFIER
0.7V
RCS2
RSFF
S
QB
R
CSC2
IROSC/2
CCS1
1
2
CCS2
-
+
PWM COMPARATOR
RSC2
RCS1
CCOMP
CDAC
VDAC
RFB
0% DUTY CY CLE
RSFF
S
QB
R
CLK2
RDRP
RCOMP
RDAC
0.7V
COUT
1
2
VDAC
EAOUT
SCOMP
VDRP
GATEH2
GATEL1
GATEH1
CSINP1
GATEL2
VOSNS-
CSINP2
FB
VOUT SENSE+
VOUT+
VOUT SENSE-
VOUT-
VIN
VIN
VDAC
-
+
X24.5
VDAC
-
+
X24.5
CLK2
Figure 2 – PWM Block Diagram
The RSFF is reset dominant allowing both phases to go to zero duty cycle within a few tens of nanoseconds in response
to a load step decrease. Phases can overlap and go to 100% duty cycle in response to a load step increase with turn-on
gated by the clock pulses. An Error Amplifier output voltage greater than the common mode input range of the PWM
comparator results in 100% duty cycle regardless of the voltage of the PWM ramp. This arrangement guarantees the
Error Amplifier is always in control and can demand 0 to 100% duty cycle as required. It also favors response to a load
step decrease which is appropriate given the low output to input voltage ratio of most systems. The inductor current will
increase much more rapidly than decrease in response to load transients.
This control method is designed to provide “single cycle transient response” where the inductor current changes in
response to load transients within a single switching cycle maximizing the effectiveness of the power train and minimizing
the output capacitor requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com