Electronic Components Datasheet Search
  English  ▼

X  

IR3092 Datasheet(PDF) 10 Page - International Rectifier

Part # IR3092
Description  2 PHASE OPTERON, ATHLON, OR VR10.X CONTROL IC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3092 Datasheet(HTML) 10 Page - International Rectifier

Back Button IR3092 Datasheet HTML 6Page - International Rectifier IR3092 Datasheet HTML 7Page - International Rectifier IR3092 Datasheet HTML 8Page - International Rectifier IR3092 Datasheet HTML 9Page - International Rectifier IR3092 Datasheet HTML 10Page - International Rectifier IR3092 Datasheet HTML 11Page - International Rectifier IR3092 Datasheet HTML 12Page - International Rectifier IR3092 Datasheet HTML 13Page - International Rectifier IR3092 Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
IR3092
Page 10 of 37
06/25/04
IR3092 THEORY OF OPERATION
7.8V START
7.3V STOP
45U
ON
VCCL
FAST DAC
18uA
5.5U
4.9V
BB DISABLE COMPARATOR
80mV
IOVP
ON
45k
1.9us
BLANKING
0.7V
BIASOUT
SS
ROSC
OVP
Error_Amp
CSINM
RSFF
S
Q
QB
R
CSINP1
SCOMP
VCCH1
5VUVL
GATEL2
VID2
GateHI
GATEHI
OL_OUT
OL_IN
IN
IROSC
summer
ENABLE
+
-
Share Adjust Error Amp
55U
OVER CURRENT
VID5
-
+
EQUAL DUTY CY CLE COMPARATOR
IROSC
-
+
X25
GATEHI1
VID1
VCC
OVP Comparator
X25
PGND1
VOSNS-
0.7V
-
+
DELAY
0 TO IROSC*3/4
GATEH2
OCSET
IROSC
FAULT LATCH
S
R
VDRP
VID4
0% DUTY CYCLE
summer
+
-
IROSC
DAC BUFFER
4V
1.243
0.55V
240mV chrg, 210mV dischrg
PGND2
U18
-
+
Discharge Comparator
GATEL1
FB
RSFF
S
Q
QB
R
SETBIAS
EAOUT
-
+
UVL
LGND
VCCL
10p
10p
GateLO
GATELO
OL_IN
IN
OL_OUT
GateHI
GATEHI
OL_OUT
OL_IN
IN
4 X IROSC
GateLO
GATELO
OL_IN
IN
OL_OUT
CSINP2
+
-
1.3V
Sof tStart_Clamp
SET DOMINANT
RESET DOMINANT
RESET DOMINANT
-
+
VID0
PWRGD
VDAC
CLK1
CLK2
IROSC
Oscillator
PWM COMPARATOR
60K
0.7V
IROSC/2
PWM COMPARATOR
VID3
0.26V
IROSC
DAC
OUT
F11111
OPTERON_DAC
ATHLON_DAC
VDAC
FB
15k
3V
OFF
DAC DEFAULTS TO VR10
WITH VID_SEL GROUNDED
DISABLE
VCCH2
AMD=1.5V
INTEL=0.6V
VOSNS-
110K
1
-
+
UVL
3.3V
5V
AMD=450mV
INTEL=150mV
VID_SEL
4.300V START
4.125V STOP
1.2V
3.4V
VDAC
VDAC
H FORCES IROSC/2 AT SS<0.7V
Figure 1 – IR3092 Block Diagram
PWM Operation
The IR3092 is a fully integrated 2 phase interleaved PWM control IC which uses voltage mode control with trailing edge
modulation. A high-gain wide-bandwidth voltage type Error Amplifier in the control IC is used for the voltage control loop.
The PWM block diagram of the IR3092 is shown in Figure 2.
Refer to Figure 3. Upon receiving a clock pulse, the RSFF is set, the internal PWM ramp voltage begins to increase, the
low side driver is turned off, and the high side driver is then turned on. For phase 1, an internal 10pf capacitor is charged
by a current source that’s proportional to the switching frequency resulting in a ramp rate of 57mV per percent duty cycle.
For example, if the steady-state operating switch node duty cycle is 10%, then the internal ramp amplitude is typically
570mV from the starting point (or floor) to the crossing of the EAOUT control voltage. When the PWM ramp voltage
exceeds the Error Amplifier’s output voltage, the RSFF is reset. This turns off the high side driver, turns on the low side
driver, and discharges the PWM ramp to 0.7V until the next clock pulse.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com