Electronic Components Datasheet Search
  English  ▼

X  

IR3092 Datasheet(PDF) 1 Page - International Rectifier

Part # IR3092
Description  2 PHASE OPTERON, ATHLON, OR VR10.X CONTROL IC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3092 Datasheet(HTML) 1 Page - International Rectifier

  IR3092 Datasheet HTML 1Page - International Rectifier IR3092 Datasheet HTML 2Page - International Rectifier IR3092 Datasheet HTML 3Page - International Rectifier IR3092 Datasheet HTML 4Page - International Rectifier IR3092 Datasheet HTML 5Page - International Rectifier IR3092 Datasheet HTML 6Page - International Rectifier IR3092 Datasheet HTML 7Page - International Rectifier IR3092 Datasheet HTML 8Page - International Rectifier IR3092 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
IR3092
Page 1 of 37
06/25/04
DATA SHEET
2 PHASE OPTERON, ATHLON, OR VR10.X CONTROL IC
DESCRIPTION
The IR3092 Control IC provides a full featured, single chip solution to implement robust power conversion
solutions for three different microprocessor families; 1) AMD Opteron, 2) AMD Athlon or 3) Intel VR10.X
family of processors. The user can select the appropriate VID range with a single pin. PWM Control and 2
phase gate drive functions are integrated into a single IC. In addition to CPU power, the IR3092 offers a
compact, efficient solution for high current POL converters.
FEATURES
x 5 bit or 6 bit VID with 0.5% overall system accuracy
x Selectable VID Code for AMD Opteron, AMD Athlon or Intel VR10.X
x Programmable Slew Rate response to “On-the-Fly” VID Code Changes
x 3.5A Gate Drive Capability
x Programmable 100KHz to 540KHz oscillator
x Programmable Voltage Positioning (can be disabled)
x Programmable Softstart
x Programmable Hiccup Over-Current Protection with Delay to prevent false triggering
x Simplified Powergood provides indication of proper operation and avoids false triggering
x Operates up to 21V input with 7.8V Under-Voltage Lockout
x 5V UVL with 4.3V Under-Voltage Lockout threshold
x Adjustable Voltage, 150mA Bias Regulator provides MOSFET Drive Voltage
x Enable Input
x OVP Output
x Available in a 48L MLPQ package
ORDERING INFORMATION
DEVICE
ORDER QUANTITY
IR3092MTR
3000 per Reel
*IR3092M
100 piece strips
x Samples Only
PACKAGE INFORMATION
48L MLPQ
(7 x 7 mm Body)
– JA = 27
oC/W
SCOMP
OCSET
NC
48LD MLPQ
GATEL2
VDAC
VCCL
GATEH2
VID3
FB
VOSNS-
NC
NC
ROSC
SS/DEL
VDRP
5VUVL
PGND2
GATEL1
GATEH1
EAOUT
IR3092
VCCH2
VID4
PGND1
NC


Similar Part No. - IR3092

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3093M IRF-IR3093M Datasheet
693Kb / 39P
3 PHASE OPTERON, ATHLON, OR VR10.X CONTROL IC
IR3093MTR IRF-IR3093MTR Datasheet
693Kb / 39P
3 PHASE OPTERON, ATHLON, OR VR10.X CONTROL IC
IR3094MPBF IRF-IR3094MPBF Datasheet
802Kb / 29P
3 PHASE PWM CONTROLLER FOR POINT OF LOAD
IR3094MTRPBF IRF-IR3094MTRPBF Datasheet
802Kb / 29P
3 PHASE PWM CONTROLLER FOR POINT OF LOAD
IR3094PBF IRF-IR3094PBF Datasheet
802Kb / 29P
3 PHASE PWM CONTROLLER FOR POINT OF LOAD
More results

Similar Description - IR3092

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TCA785 SIEMENS-TCA785 Datasheet
454Kb / 16P
Phase Control IC
logo
Intersil Corporation
ISL6565A INTERSIL-ISL6565A Datasheet
722Kb / 28P
Multi-Phase PWM Controller with Precision rDS(ON) or DCR Current Sensing for VR10.X Application
September 2004
logo
Infineon Technologies A...
TCA785 INFINEON-TCA785 Datasheet
454Kb / 16P
Phase Control IC
09.94
logo
International Rectifier
IR3093M IRF-IR3093M Datasheet
693Kb / 39P
3 PHASE OPTERON, ATHLON, OR VR10.X CONTROL IC
IR3082 IRF-IR3082 Datasheet
444Kb / 33P
XPHASE AMD OPTERON/ATHLON 64 CONTROL IC
logo
Fairchild Semiconductor
FAN5018B FAIRCHILD-FAN5018B Datasheet
509Kb / 30P
6-Bit VID Controller 2-4 Phase VR10.X Controller
FAN5019B FAIRCHILD-FAN5019B Datasheet
508Kb / 30P
6-Bit VID Controller 2-4 Phase VR10.X Controller
logo
International Rectifier
IR3084U IRF-IR3084U Datasheet
723Kb / 47P
XPHASETM VR10, VR11 & OPTERON/ATHLON64 CONTROL IC
logo
Siemens Semiconductor G...
TCA785 SIEMENS-TCA785_05 Datasheet
466Kb / 16P
Phase Control IC
logo
RS Components Ltd.
TDA2086A RS-TDA2086A Datasheet
308Kb / 14P
Phase control IC TDA2086A
1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com