Electronic Components Datasheet Search
  English  ▼

X  

IR3092 Datasheet(PDF) 27 Page - International Rectifier

Part # IR3092
Description  2 PHASE OPTERON, ATHLON, OR VR10.X CONTROL IC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3092 Datasheet(HTML) 27 Page - International Rectifier

Back Button IR3092 Datasheet HTML 23Page - International Rectifier IR3092 Datasheet HTML 24Page - International Rectifier IR3092 Datasheet HTML 25Page - International Rectifier IR3092 Datasheet HTML 26Page - International Rectifier IR3092 Datasheet HTML 27Page - International Rectifier IR3092 Datasheet HTML 28Page - International Rectifier IR3092 Datasheet HTML 29Page - International Rectifier IR3092 Datasheet HTML 30Page - International Rectifier IR3092 Datasheet HTML 31Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
IR3092
Page 27 of 37
06/25/04
DESIGN EXAMPLE
IR3092 Demo Board Rev.2 for VRD10.0 FMB1.5
Input Voltage: VI=12 V
DAC Voltage: VDAC=1.35 V
No Load Output Voltage Offset: VO_NLOFST=25 mV
Output Current: IO=80 A DC
Output Current Limit set point: ILIMIT=100 A
Output Impedance: RO=1.3 m
Ÿ
VCC Ready to VCC Power Good Delay: tVccPG=0-10mS
Soft Start Time: tSS=2 mS
Dynamic VID Down-Slope Slew Rate: SRDOWN=2.5mV/uS
Control IC: IR3092
Phase Number: n=2
Switching Frequency: fSW=180 kHz
Output Inductor(per phase): L=0.45 uH, RL=0.7 m
Ÿ (1mŸ when winding temperatures around 120C)
Output Capacitors: CE=0.011F, RCE=1 m
Ÿ
Once the switching frequency is chosen, ROSC can be determined from the curve in the datasheet of
IR3092 data sheet. For switching frequency of 180 kHz per phase,
Choose ROSC=47.5k
Ÿ
Calculate the soft start capacitor from the required soft start time 6mS.
F
V
t
I
C
O
SS
CHG
SS
8
3
3
6
10
*
3
.
8
10
*
25
35
.
1
10
*
2
*
10
*
55
*

Choose CSS = 0.1 uF
With the selected Css value, we can calculate the following delay times:
The Over-Current fault latch delay time
tOCDEL will be:
mS
I
V
C
t
DISCHG
SS
OCDEL
5
.
0
10
*
5
.
50
25
.
0
*
10
*
1
.
0
*
6
6
'
Specifications:
Power Stage Design
External Components of IR3092
Oscillator Resistor Rosc
Soft Start Capacitor CSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com