Electronic Components Datasheet Search
  English  ▼

X  

IR3092 Datasheet(PDF) 29 Page - International Rectifier

Part # IR3092
Description  2 PHASE OPTERON, ATHLON, OR VR10.X CONTROL IC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3092 Datasheet(HTML) 29 Page - International Rectifier

Back Button IR3092 Datasheet HTML 25Page - International Rectifier IR3092 Datasheet HTML 26Page - International Rectifier IR3092 Datasheet HTML 27Page - International Rectifier IR3092 Datasheet HTML 28Page - International Rectifier IR3092 Datasheet HTML 29Page - International Rectifier IR3092 Datasheet HTML 30Page - International Rectifier IR3092 Datasheet HTML 31Page - International Rectifier IR3092 Datasheet HTML 32Page - International Rectifier IR3092 Datasheet HTML 33Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
IR3092
Page 29 of 37
06/25/04
6
3
_
10
*
26
10
*
25
ROSC
NLOFST
O
FB
I
V
R
961
Ÿ
&KRRVH 5FB = 1kŸ
:
k
R
R
R
R
O
L
FB
DRP
4
.
9
10
*
3
.
1
*
2
5
.
23
*
10
*
1
*
10
*
1
2
5
.
23
3
3
3
Choose RDRP = 9.53k
Ÿ
Inductor Current Sensing Capacitor CCS and Resistors RCS and RCSO
Choose capacitor CCS = 0.22uF calculate RCS
:
k
C
R
L
R
CS
L
CS
9
.
2
10
*
22
.
0
10
*
7
.
0
/
10
*
45
.
0
6
3
6
Choose RCS=3k
Ÿ
The bias currents of CSIN+ and CSIN- are 0.2uA and 0.4uA respectively. Calculate resistor RCSO,
:
:
k
k
R
I
I
R
CS
CSIN
CSIN
CSO
5
.
1
3
*
4
.
0
2
.
0
Set BIASOUT voltage Resistor Rset
Bias current ISETBIAS is around 95uA in this case. Set VBIASOUT around 8V to be gate drive voltage of
MOSFETs.
:
k
I
V
R
SETBIAS
BIASOUT
SET
21
.
84
10
*
95
8
6
Choose RSET=82.5k
Ÿ
AL-Polymer output capacitors are used in the design, and the crossover frequency of the voltage loop can
be estimated as,
kHz
R
R
R
G
C
R
f
CE
LE
FB
CS
E
DRP
C
17
]
10
*
1
)
2
/
10
*
7
.
0
(
10
*
1
5
.
23
[
011
.
0
2
10
*
53
.
9
)
(
2
3
3
3
3


S
S
RCOMP and CCOMP are used to fine tune the crossover frequency and transient load response. Choose
the desired crossover frequency fc1 (=25kHz) and determine RCOMP and CCOMP.
175
.
0
63
.
0
12
325
.
1
RAMP
I
O
M
V
V
V
F
:
k
F
V
R
C
L
f
R
M
I
FB
E
E
C
COMP
30
175
.
0
12
10
*
1
011
.
0
)
2
/
10
450
(
)
10
25
2
(
)
2
(
3
9
2
3
2
1
S
S
nF
R
C
L
C
COMP
E
E
COMP
17
10
30
011
.
0
)
2
/
10
450
(
10
10
3
9
In practice, adjust RCOMP and CCOMP if need to get desired dynamic load response performance.
Compensation of Voltage Loop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com