Electronic Components Datasheet Search
  English  ▼

X  

IR3092 Datasheet(PDF) 18 Page - International Rectifier

Part # IR3092
Description  2 PHASE OPTERON, ATHLON, OR VR10.X CONTROL IC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3092 Datasheet(HTML) 18 Page - International Rectifier

Back Button IR3092 Datasheet HTML 14Page - International Rectifier IR3092 Datasheet HTML 15Page - International Rectifier IR3092 Datasheet HTML 16Page - International Rectifier IR3092 Datasheet HTML 17Page - International Rectifier IR3092 Datasheet HTML 18Page - International Rectifier IR3092 Datasheet HTML 19Page - International Rectifier IR3092 Datasheet HTML 20Page - International Rectifier IR3092 Datasheet HTML 21Page - International Rectifier IR3092 Datasheet HTML 22Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
IR3092
Page 18 of 37
06/25/04
Table 2. Intel VR10.X VID (VID_SEL Grounded, measured at EAOUT=FB. )
Processor Pins (0 = low, 1 = high)
Processor Pins (0 = low, 1 = high)
VID4
VID3
VID2
VID1
VID0
VID5
Vout
(V)
VID4
VID3
VID2
VID1
VID0
VID5
Vout
(V)
0
1
0
1
0
0
0.8375
1
1
0
1
0
0
1.2125
0
1
0
0
1
1
0.8500
1
1
0
0
1
1
1.2250
0
1
0
0
1
0
0.8625
1
1
0
0
1
0
1.2375
0
1
0
0
0
1
0.8750
1
1
0
0
0
1
1.2500
0
1
0
0
0
0
0.8875
1
1
0
0
0
0
1.2625
0
0
1
1
1
1
0.9000
1
0
1
1
1
1
1.2750
0
0
1
1
1
0
0.9125
1
0
1
1
1
0
1.2875
0
0
1
1
0
1
0.9250
1
0
1
1
0
1
1.3000
0
0
1
1
0
0
0.9375
1
0
1
1
0
0
1.3125
0
0
1
0
1
1
0.9500
1
0
1
0
1
1
1.3250
0
0
1
0
1
0
0.9625
1
0
1
0
1
0
1.3375
0
0
1
0
0
1
0.9750
1
0
1
0
0
1
1.3500
0
0
1
0
0
0
0.9875
1
0
1
0
0
0
1.3625
0
0
0
1
1
1
1.0000
1
0
0
1
1
1
1.3750
0
0
0
1
1
0
1.0125
1
0
0
1
1
0
1.3875
0
0
0
1
0
1
1.0250
1
0
0
1
0
1
1.4000
0
0
0
1
0
0
1.0375
1
0
0
1
0
0
1.4125
0
0
0
0
1
1
1.0500
1
0
0
0
1
1
1.4250
0
0
0
0
1
0
1.0625
1
0
0
0
1
0
1.4375
0
0
0
0
0
1
1.0750
1
0
0
0
0
1
1.4500
0
0
0
0
0
0
1.0875
1
0
0
0
0
0
1.4625
1
1
1
1
1
1
OFF4
0
1
1
1
1
1
1.4750
1
1
1
1
1
0
OFF4
0
1
1
1
1
0
1.4875
1
1
1
1
0
1
1.1000
0
1
1
1
0
1
1.5000
1
1
1
1
0
0
1.1125
0
1
1
1
0
0
1.5125
1
1
1
0
1
1
1.1250
0
1
1
0
1
1
1.5250
1
1
1
0
1
0
1.1375
0
1
1
0
1
0
1.5375
1
1
1
0
0
1
1.1500
0
1
1
0
0
1
1.5500
1
1
1
0
0
0
1.1625
0
1
1
0
0
0
1.5625
1
1
0
1
1
1
1.1750
0
1
0
1
1
1
1.5750
1
1
0
1
1
0
1.1875
0
1
0
1
1
0
1.5875
1
1
0
1
0
1
1.2000
0
1
0
1
0
1
1.6000
Note: 4. Output disabled (Fault mode)
Oscillator Resistor RROSC
The oscillator frequency is programmable from 100kHz to 540kHZ with an external resistor RROSC as shown in Figure 6.
The oscillator generates an internal 50% duty cycle saw tooth signal (Figure 4.) that is used to generate 180°out-of-phase
timing pulses to set Phase 1 and 2 RS flip-flops. Once the switching frequency is chosen, RROSC can be determined from
the curve in the I(SETBIAS) vs. Rosc curve in the Typical Operating Characteristics Section.
Soft Start, Over-Current Fault Delay, and Hiccup Mode
The IR3092 has a programmable soft-start function to limit the surge current during converter power-up. A capacitor
connected between the SS/DEL and LGND pins controls soft start timing as well as over-current protection delay and
hiccup mode timing.
Figure 8 depicts the various operating modes of the SS/DEL function. Under a no fault condition, the SS/DEL capacitor
will charge. The SS/DEL charge soft-start duration is controlled by a 55uA charge current which charges CSS up to 4.0V.
The Error Amplifier output is clamped low until SS/DEL reaches 1.3V. The Error Amplifier will then regulate the
converter’s output voltage to match the SS/DEL voltage less the 1.3V offset until it reaches the level determined by the
VID inputs. The PWRGD signal is asserted once the SS/DEL voltage exceeds 3.75V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com